Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP461
Description  TMP461-SP Radiation-Hardness-Assured (RHA), High-Accuracy Remote and Local Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 3Page - Texas Instruments TMP461 Datasheet HTML 4Page - Texas Instruments TMP461 Datasheet HTML 5Page - Texas Instruments TMP461 Datasheet HTML 6Page - Texas Instruments TMP461 Datasheet HTML 7Page - Texas Instruments TMP461 Datasheet HTML 8Page - Texas Instruments TMP461 Datasheet HTML 9Page - Texas Instruments TMP461 Datasheet HTML 10Page - Texas Instruments TMP461 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Differential Capacitance (nF)
0
5
10
15
20
25
-30
-25
-20
-15
-10
-5
0
D005
Conversion Rate (Hz)
0.01
0.1
1
10
100
0
50
100
150
200
250
300
350
400
D007
Series Resistance (:)
0
500
1000
1500
2000
2500
3000
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D004
Leakage Resistance (M:)
1
2
3
4 5 6 7 8 10
20
30 40 50 70 100
-60
-40
-20
0
20
D+ to GND
D+ to V+
Ambient Temperature (qC)
-55
-35
-15
5
25
45
65
85
105
125
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
1.25
1.50
D001
Mean
6V
Mean
6V
Ambient Temperature (qC)
-55
-35
-15
5
25
45
65
85
105
125
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
1.25
1.50
D002
Mean
6V
Mean
6V
7
TMP461-SP
www.ti.com
SBOS876B – SEPTEMBER 2017 – REVISED FEBRUARY 2020
Product Folder Links: TMP461-SP
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
6.7 Typical Characteristics
At TA = 25°C and V+ = 3.6 V, unless otherwise noted.
Typical behavior of 25 devices over temperature
Figure 2. Local Temperature Error vs
Ambient Temperature
Typical behavior of 25 devices over temperature
Figure 3. Remote Temperature Error vs
Ambient Temperature
Figure 4. Remote Temperature Error vs
Leakage Resistance
No physical capacitance during measurement
Figure 5. Remote Temperature Error vs
Series Resistance
No physical series resistance on D+, D– pins during measurement
Figure 6. Remote Temperature Error vs
Differential Capacitance
Figure 7. Quiescent Current vs Conversion Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com