Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet(PDF) 35 Page - Texas Instruments

Part # TMP461
Description  TMP461-SP Radiation-Hardness-Assured (RHA), High-Accuracy Remote and Local Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 28Page - Texas Instruments TMP461 Datasheet HTML 29Page - Texas Instruments TMP461 Datasheet HTML 30Page - Texas Instruments TMP461 Datasheet HTML 31Page - Texas Instruments TMP461 Datasheet HTML 32Page - Texas Instruments TMP461 Datasheet HTML 33Page - Texas Instruments TMP461 Datasheet HTML 34Page - Texas Instruments TMP461 Datasheet HTML 35Page - Texas Instruments TMP461 Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
SIZE
A
SCALE
EXAMPLE BOARD LAYOUT
4
PAGE
3 OF
(6.62)
(4.3)
(
0.2) TYP
(1.2) TYP
(0.6)
(0.6)
(1.2) TYP
3X
4226200
REV
A
CFP - 2.63mm max height
HKU0010A
CERAMIC DUAL FLATPACK
HEATSINK LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:15X
PKG
PKG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com