Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMP461
Description  TMP461-SP Radiation-Hardness-Assured (RHA), High-Accuracy Remote and Local Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 24Page - Texas Instruments TMP461 Datasheet HTML 25Page - Texas Instruments TMP461 Datasheet HTML 26Page - Texas Instruments TMP461 Datasheet HTML 27Page - Texas Instruments TMP461 Datasheet HTML 28Page - Texas Instruments TMP461 Datasheet HTML 29Page - Texas Instruments TMP461 Datasheet HTML 30Page - Texas Instruments TMP461 Datasheet HTML 31Page - Texas Instruments TMP461 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
V+
D+
D-
GND
Ground or V+ layer
on bottom and top,
if possible.
28
TMP461-SP
SBOS876B – SEPTEMBER 2017 – REVISED FEBRUARY 2020
www.ti.com
Product Folder Links: TMP461-SP
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
Remote temperature sensing on the TMP461-SP device measures very small voltages using very low currents;
therefore, noise at the device inputs must be minimized. Most applications using the TMP461-SP have high
digital content, with several clocks and logic-level transitions that create a noisy environment. Layout must
adhere to the following guidelines:
1. Place the TMP461-SP device as close to the remote junction sensor as possible.
2. Route the D+ and D– traces next to each other and shield them from adjacent signals through the use of
ground guard traces, as shown in Figure 20. If a multilayer PCB is used, bury these traces between the
ground or V+ planes to shield them from extrinsic noise sources. 5-mil (0.127 mm) PCB traces are
recommended.
3. Minimize additional thermocouple junctions caused by copper-to-solder connections. If these junctions are
used, make the same number and approximate locations of copper-to-solder connections in both the D+ and
D– connections to cancel any thermocouple effects.
4. Use a 0.1-μF local bypass capacitor directly between the V+ and GND of the TMP461-SP device. For
optimum measurement performance, minimize filter capacitance between D+ and D– to 1000 pF or less. This
capacitance includes any cable capacitance between the remote temperature sensor and the TMP461-SP
device.
5. If the connection between the remote temperature sensor and the TMP461-SP device is less than 8-in (20.32
cm) long, use a twisted-wire pair connection. For lengths greater than 8 in, use a twisted, shielded pair with
the shield grounded as close to the TMP461-SP device as possible. Leave the remote sensor connection
end of the shield wire open to avoid ground loops and 60-Hz pickup.
6. Thoroughly clean and remove all flux residue in and around the pins of the TMP461-SP device to avoid
temperature offset readings as a result of leakage paths between D+ and GND, or between D+ and V+.
NOTE: Use a minimum of 5-mil (0.127 mm) traces with 5-mil spacing.
Figure 20. Suggested PCB Layer Cross-Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com