Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR1Q6 Datasheet(PDF) 320 Page - STMicroelectronics

Part # ST92F120JR1Q6
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR1Q6 Datasheet(HTML) 320 Page - STMicroelectronics

Back Button ST92F120JR1Q6 Datasheet HTML 316Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 317Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 318Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 319Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 320Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 321Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 322Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 323Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 324Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 320 / 324 page
background image
320/324
ST92F120 - SUMMARY OF CHANGES
1.7
Page
1.6
Page
1.7
Removed ST92E120 information. Added JBLPD, updated RCCU, INT, FEE, WDG,
STIM, EFT, I2C, Ext Mem I/F, and Electrical characteristics
1
2-3
4
5-6
8
9
10
11
12-17
17
20
22
61
62-64
65
66-73
126
1
2-6
7
-
9
10-15
-
16
-
18
21
22
-
61-63
64
65-72
121
Changed 25 MHz to 24 MHz, added J1850 feature. Removed EPROM version. Add-
ed device summary.
Added 1 level to table of contents
Changed 25 MHz to 24 MHz, added J1850 feature.
Removed E120 diagrams
Add JBLPD, removed P6.7 added CLOCK2
Expanded Pin description detail. Added VPWO
Removed E120 diagrams
Removed note on E120, duplicate SCK removed on P3.7 and WKUP1 corrected to
WKUP5 on P5.0
Removed E120 table.
Added VWO to table 2 and section 1.3.5 using I/O AF. Added P0 and P1 to gen pur-
pose I/O para at bottom of first col.
Added VPWI to P6.5
Added CLOCK2 to P9.6
Removed E120 memory map
Changed Flash reg from 3 to 4 bytes, and Testflash sector from 21 to 23. Added
Flash sector labels.
Changed WU reg. page from 59 to 57, added JBLPD to page 23
Added page ref in right column. Changed WU reg. page from 59 to 57, added
JBLPD to page 23
renamed MFT registers FLAGR, ICR and IVR to T_FLAGR, T_ICR, T_IVR
renamed SCI registers IVR, ISR to S_IVR, S_ISR
renamed ADC registers ICR, IVR to AD_ICR, AD_IVR
MEMSEL bit, bit 4 of EMR2, change to 1 (Reset value=1Fh).
1.8
Page
1.7
Page
1.8
Updated description of DMA in MFT and SCI chapters
04/30/99
1-11
16-23
112
287-289
Removed PFQ80
Added TQFP64
Overbar format applied to active low pin names
CTS changed to RTS
I/O table format changed.
Stop mode description changed. Removed table of register reset values.
Electrical characteristics added for IINJ RTHJA, VIH/VIL VHYS for Schmitt trigger
Rev.
Page Section
Main changes
Date
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com