Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR1Q6 Datasheet(PDF) 322 Page - STMicroelectronics

Part # ST92F120JR1Q6
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR1Q6 Datasheet(HTML) 322 Page - STMicroelectronics

Back Button ST92F120JR1Q6 Datasheet HTML 316Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 317Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 318Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 319Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 320Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 321Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 322Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 323Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 324Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 322 / 324 page
background image
322/324
ST92F120 - SUMMARY OF CHANGES
2.0
Page
1.9
1
63
66
67
68
107
121
151
158
180
289
290
291
295
296
300
301
303
307
Page
2.0
1
63
66
67
68
107
121
151
158
180
290
291
292
296
297
301
302
304
308
Updated ST9_SCI and ST9_MFT macrocells
Changed minimum instruction time (83 ns)
Table 16; R248/Page 9: changed “Reserved” to “MFT0 and MFT1”
Table 17: Changed Register Names for R244, R245, R246, R247 (MFT1 block) and
R240, R241, R242 and R243 (MFT0 block)
Changed reset values for TCR1, T_ICR1, OACR1, OBCR1, TCR0, T_ICR0,
OACR0, OBCR0
I2C block: Changed R254 to R255 for I2CIMR and added I2CECCR register (R254)
Changed reset value for PRLR (JBLPD block)
Added description of bit 1
Changed reset value and comment on Bit 4 of EMR2
10.3.5 chapter (Register description): added note
Removed EFT2 and EFT3
Changed R254 to R255 for IDMR
Added “Input Threshold” typical values and removed TBD for VIH and VIL
For VHYS: Removed min and max values. Changed TBD to typical values
In note 4: 100mA instead of 10mA
For IDDTR: Removed TBD (max value) and added typical value
“RCCU characteristics” table: added “input threshold” typical values for VIHRS and
VILRS; Removed TBD for min and max values. Changed TBD to 800 for VHYRS typ-
ical value
Changed TBD to values. Changed -0.3 to 0.4 for VILCK Min value
(2) instead of (1) for note 2
Removed max values; Changed TBD to 2Tck + 10
Changed TBD to 350
Changed TBD to values
09/08/99
2.1
Page
2.0
10
17
24
119
273
290
293
Page
2.1
10
17
24
119
276
293
296
Changed document status (“preliminary data” instead of “product preview”)
Added VREG description
Figure 9, added pin numbers
Changed Halt mode description
8.2.7 section, removed Warning
EOFM_M instead of EOF_M
Removed min values (0.7 x VDD) for VIH ; Removed max values (0.8) for VIL
Changed 900 to 600 for VHYS (Standard Schmitt Trigger)
Flash/EEPROM Specifications Table: Added one row (flash endurance -40°C
+105°C)
01/31/00
2.2
8
45
59
72
120
296
1.1
3.2
4.3
5.2
8.3
11
Removal of TQFP64 package and 36K Flash Memory
TQFP64 Version deleted
Modification of Flash Memory Structure
Location of Reset Vector
Ext. Watchdog/Reset Vectors
Bit 5: Upper/lower Memory Access
Max. EEPROM Parameter values modified
4 Sept 00
Rev.
Page Section
Main changes
Date
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com