Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR1Q6 Datasheet(PDF) 323 Page - STMicroelectronics

Part # ST92F120JR1Q6
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR1Q6 Datasheet(HTML) 323 Page - STMicroelectronics

Back Button ST92F120JR1Q6 Datasheet HTML 316Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 317Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 318Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 319Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 320Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 321Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 322Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 323Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 324Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 323 / 324 page
background image
323/324
ST92F120 - SUMMARY OF CHANGES
2.3
7
1.1.3
Addition of TQFP100 Package
VPP changed to VTEST
V33 changed to VREG
“On future versions” added for VREG
Removed “ST9OLD” references (in EMR1 register description on page 115)
Addition of “Flash and E3PROM Memories” section
8 Dec 00
2.4
11
56
111
163
295
292
318
319
1.3
3.7.1
7.6
10.4
11
11
12
13
Updated Figure 3, Figure 4 and Figure 5.
Replaced Section 3.7.1 on page 56 by “Code Update Routine” on page 52
Added Figure 55
Added Note on Bi Capture mode on using A0 bit in MFT Section 10.4.2.11
Reference to AN1102 changed to AN1152 on page 295.
Added VIH min and VIL max values
Updated package mechanical data
Updated Figure 126 (temperature code).
06 Mar 01
2.5
Deletion of TQFP100 Package.
Added WDIN on P5.3
Changed EEPROM size for 60K devices.
Changed section 3 on page 39.
Added one note in section 3.7.1 on page 52.
Changed section 10.3 on page 135: removed references to the 3 separate interrupt
channels (ICI, OCI and TOI), not present on the ST92F120.
In section 10.7.4.1 on page 219:
changed “address matched” section,
changed “slave revceiver” section: removed “both holding the SCL line low)
changed “slave transmitter” section: added “except on EV3-1)
changed “how to release the SDA/SCL lines” section: added one sentence (“check
that...”)
Changed note in section 10.7.5 on page 224: “The error event interrupt pending
bit...while the error event flags are set” instead of “... until the error event flags are
set”.
Swapped 0 and 1 for I2CSR.DMASTOP bit.
Changed VINOD in Absolute Maximum Ratings table on page 287.
Changed Thermal Characteristics value on page 287.
Changed AVDD min value in recommended operating conditions table on page 287.
Changed VIH in DC electrical characteristics value
02 Aug 01
2.6
39
40
51
55
56
57
204
206
210
211
288
306
3
3.2.1
3.6.1
4.2
4.2
4.2
10.6
10.6.4.1
10.6.4.4
10.6.4.5
11
11
Changed status of the document: “datasheet” instead of “preliminary data”
Replaced Bootrom by TestFlash in descriptions
Changed Table 7 and Table 8
Added note on NVWPR register description
Changed Figure 27
Changed Figure 28
Changed Figure 29
SPI section: changed register names: SPCR instead of CR, etc
Changed SPIF clearing sequence description
Changed Figure 103
Changed MODF clearing sequence description
Changed DC electrical characteristics table (VIH, VIL, VI)
Changed I²C/DDC-bus Timing Table
12 Sept 02
Rev.
Page Section
Main changes
Date
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com