Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1040 Datasheet(PDF) 21 Page - Texas Instruments

Part # THS1040
Description  3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1040 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS1040 Datasheet HTML 17Page - Texas Instruments THS1040 Datasheet HTML 18Page - Texas Instruments THS1040 Datasheet HTML 19Page - Texas Instruments THS1040 Datasheet HTML 20Page - Texas Instruments THS1040 Datasheet HTML 21Page - Texas Instruments THS1040 Datasheet HTML 22Page - Texas Instruments THS1040 Datasheet HTML 23Page - Texas Instruments THS1040 Datasheet HTML 24Page - Texas Instruments THS1040 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
THS1040
SLAS290C − OCTOBER 2001 − REVISED OCTOBER 2004
21
www.ti.com
PRINCIPLES OF OPERATION
onboard reference generator configuration (continued)
_
+
VBG
ADC
References
Buffer A2
MODE =
REFSENSE
AGND
VREF = External
AVDD
_
+
AVDD
2
or AVDD
Figure 28. Drive VREF Mode
operating configuration examples
Figure 29 shows a configuration using the internal ADC references for digitizing a single-ended signal with span
0 V to 2 V. Tying REFSENSE to ground gives 1 V at pin VREF. Tying MODE to AVDD/2 then sets the REFT and
REFB voltages via the internal reference generator for a 2-Vp-p ADC input range. The VREF pin provides the
1-V mid-scale bias voltage required at AIN−. VREF should be well decoupled to AGND to prevent
sample-and-hold switching at AIN− from corrupting the VREF voltage.
AIN+
AIN−
VREF = 1 V
REFB
MODE
REFSENSE
AVDD/2
2 V
0 V
1 V
REFT
20
Ω
20
Ω
20 pF
10
µF
0.1
µF
0.1
µF
10
µF 0.1 µF
20 pF
Figure 29. Operating Configuration: 2-V Single-Ended Input, Internal ADC References



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com