Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1040 Datasheet(PDF) 1 Page - Texas Instruments

Part # THS1040
Description  3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1040 Datasheet(HTML) 1 Page - Texas Instruments

  THS1040 Datasheet HTML 1Page - Texas Instruments THS1040 Datasheet HTML 2Page - Texas Instruments THS1040 Datasheet HTML 3Page - Texas Instruments THS1040 Datasheet HTML 4Page - Texas Instruments THS1040 Datasheet HTML 5Page - Texas Instruments THS1040 Datasheet HTML 6Page - Texas Instruments THS1040 Datasheet HTML 7Page - Texas Instruments THS1040 Datasheet HTML 8Page - Texas Instruments THS1040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
THS1040
SLAS290C − OCTOBER 2001 − REVISED OCTOBER 2004
3V, 10Bit, 40MSPS
CMOS ANALOGTODIGITAL CONVERTER
1
www.ti.com
FEATURES
D Analog Supply 3 V
D Digital Supply 3 V
D Configurable Input Functions:
− Single Ended
− Differential
D Differential Nonlinearity: ±0.45 LSB
D Signal-to-Noise: 60 dB Typ f(IN) at 4.8 MHz
D Spurious Free Dynamic Range: 72 dB
D Adjustable Internal Voltage Reference
D On-Chip Voltage Reference Generator
D Unsigned Binary Data Output
D Out-of-Range Indicator
D Power-Down Mode
APPLICATIONS
D Video/CCD Imaging
D Communications
D Set-Top Box
D Medical
DESCRIPTION
The THS1040 is a CMOS, low power, 10-bit, 40-MSPS
analog-to-digital converter (ADC) that operates from a
single 3-V supply. The THS1040 has been designed to
give circuit developers flexibility. The analog input to the
THS1040 can be either single-ended or differential. The
THS1040 provides a wide selection of voltage
references to match the user’s design requirements.
For more design flexibility, the internal reference can be
bypassed to use an external reference to suit the dc
accuracy and temperature drift requirements of the
application. The out-of-range output indicates any
out-of-range condition in THS1040’s input signal.
The speed, resolution, and single-supply operation of
the THS1040 are suited to applications in set-top-box
(STB),
video,
multimedia,
imaging,
high-speed
acquisition, and communications. The speed and
resolution ideally suit charge-couple device (CCD) input
systems such as color scanners, digital copiers, digital
cameras, and camcorders. A wide input voltage range
allows the THS1040 to be applied in both imaging and
communications systems.
The THS1040C is characterized for operation from 0
°C
to 70
°C, while the THS1040I is characterized for
operation from −40
°C to 85°C.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001 − 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AGND
DVDD
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
OVR
DGND
AVDD
AIN+
VREF
AIN−
REFB
MODE
REFT
BIASREF
TEST
AGND
REFSENSE
STBY
OE
CLK
28-PIN TSSOP/SOIC PACKAGE
(TOP VIEW)


Similar Part No. - THS1040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1040C TI1-THS1040C Datasheet
994Kb / 33P
CMOS ANALOG-TO-DIGITAL CONVERTER
THS1040CDW TI1-THS1040CDW Datasheet
994Kb / 33P
CMOS ANALOG-TO-DIGITAL CONVERTER
THS1040CDWG4 TI1-THS1040CDWG4 Datasheet
994Kb / 33P
CMOS ANALOG-TO-DIGITAL CONVERTER
THS1040CDWR TI1-THS1040CDWR Datasheet
994Kb / 33P
CMOS ANALOG-TO-DIGITAL CONVERTER
THS1040CPW TI1-THS1040CPW Datasheet
994Kb / 33P
CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - THS1040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1030 TI-THS1030 Datasheet
302Kb / 22P
2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1031 TI-THS1031 Datasheet
358Kb / 26P
2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9204 AD-AD9204 Datasheet
1Mb / 36P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9218 AD-AD9218_06 Datasheet
952Kb / 28P
10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9203W AD-AD9203W Datasheet
134Kb / 8P
10-Bit, 40 MSPS, 3 V, 74 mW Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
THS1031CPW TI-THS1031CPW Datasheet
734Kb / 41P
3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1031IPW TI-THS1031IPW Datasheet
734Kb / 41P
3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9609 AD-AD9609 Datasheet
1Mb / 32P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9218 AD-AD9218_15 Datasheet
952Kb / 28P
10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com