Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TMCP
Description  Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCP Datasheet(HTML) 2 Page - Vishay Siliconix

  TMCP Datasheet HTML 1Page - Vishay Siliconix TMCP Datasheet HTML 2Page - Vishay Siliconix TMCP Datasheet HTML 3Page - Vishay Siliconix TMCP Datasheet HTML 4Page - Vishay Siliconix TMCP Datasheet HTML 5Page - Vishay Siliconix TMCP Datasheet HTML 6Page - Vishay Siliconix TMCP Datasheet HTML 7Page - Vishay Siliconix TMCP Datasheet HTML 8Page - Vishay Siliconix TMCP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TMCP
www.vishay.com
Vishay Polytech
Revision: 16-Jan-17
2
Document Number: 40179
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
2.5 V
4.0 V
6.3 V
10 V
16 V
20 V
25 V
0.10
PP
0.15
P
0.22
P
0.33
P
0.47
PP
0.68
P
1.0
PPP
1.5
P
P
P
2.2
P
P
P
3.3
P
P
4.7
P
P
P
6.8
P
P
10
P
P
15
PPP
22
PPP
33
P
P
47
P
P
MARKING
SIMPLIFIED VOLTAGE AND CAP CODES
μF
2.5
4.0
6.3
10
16
20
25
0.10
DA
EA
0.15
DE
0.22
DJ
0.33
DN
0.47
DS
ES
0.68
DW
1.0
CA
DA
EA
1.5
AE
CE
DE
2.2
AJ
CJ
DJ
3.3
AN
CN
4.7
JS
AS
CS
6.8
JW
AW
10
JA
aA
15
eE
GE
jE
22
eJ
gJ
jJ
33
eN
gN
47
eS
GS
DA
Simplified code of rated
voltage (D: 20 V)
Simplified code of nominal
capacitance (A: 0.1 μF)
Anode indication belt mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com