Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TMCP
Description  Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCP Datasheet(HTML) 3 Page - Vishay Siliconix

  TMCP Datasheet HTML 1Page - Vishay Siliconix TMCP Datasheet HTML 2Page - Vishay Siliconix TMCP Datasheet HTML 3Page - Vishay Siliconix TMCP Datasheet HTML 4Page - Vishay Siliconix TMCP Datasheet HTML 5Page - Vishay Siliconix TMCP Datasheet HTML 6Page - Vishay Siliconix TMCP Datasheet HTML 7Page - Vishay Siliconix TMCP Datasheet HTML 8Page - Vishay Siliconix TMCP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TMCP
www.vishay.com
Vishay Polytech
Revision: 16-Jan-17
3
Document Number: 40179
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT 25 °C
(μA)
MAX. DF
AT 25 °C, 120 Hz
(%)
MAX. ESR
AT +25 °C, 100 kHz
(
)
MAX. RIPPLE,
100 kHz IRMS
(A)
2.5 VDC AT +85 °C; 1.6 VDC AT +125 °C
15
P
TMCP0E156(1)TRF
0.5
8
4.0
0.126
22
P
TMCP0E226(1)TRF
0.6
10
4.0
0.126
33
P
TMCP0E336(1)TRF
0.8
20
4.0
0.126
47
P
TMCP0E476MTRF
11.8
30
6.0
0.103
4 VDC AT +85 °C; 2.5 VDC AT +125 °C
15
P
TMCP0G156(1)TRF
0.6
8
4.0
0.126
22
P
TMCP0G226(1)TRF
0.9
10
4.0
0.126
33
P
TMCP0G336(1)TRF
13.2
30
5.9
0.104
47
P
TMCP0G476MTRF
18.8
30
6.0
0.103
6.3 VDC AT +85 °C; 4 VDC AT +125 °C
4.7
P
TMCP0J475(1)TRF
0.5
8
4.0
0.126
6.8
P
TMCP0J685(1)TRF
0.5
8
4.0
0.126
10
P
TMCP0J106(1)TRF
0.7
8
5.3
0.110
15
P
TMCP0J156(1)TRF
1.0
12
5.9
0.104
22
P
TMCP0J226MTRF
13.9
30
5.9
0.104
10 VDC AT +85 °C; 6.3 VDC AT +125 °C
1.5
P
TMCP1A155(1)TRF
0.5
8
11.0
0.076
2.2
P
TMCP1A225(1)TRF
0.5
8
8.8
0.085
3.3
P
TMCP1A335(1)TRF
0.5
8
7.7
0.091
4.7
P
TMCP1A475(1)TRF
0.5
8
4.0
0.126
6.8
P
TMCP1A685(1)TRF
0.7
20
4.0
0.126
10
P
TMCP1A106(1)TRF
10.0
20
5.9
0.104
16 VDC AT +85 °C; 10 VDC AT +125 °C
1.0
P
TMCP1C105(1)TRF
0.5
6
9.9
0.080
1.5
P
TMCP1C155(1)TRF
0.5
8
11.0
0.076
2.2
P
TMCP1C225(1)TRF
0.5
8
8.8
0.085
3.3
P
TMCP1C335(1)TRF
0.6
8
8.8
0.085
4.7
P
TMCP1C475MTRF
0.8
8
8.8
0.085
20 VDC AT +85 °C; 13 VDC AT +125 °C
0.10
P
TMCP1D104(1)TRF
0.5
6
33.0
0.044
0.15
P
TMCP1D154(1)TRF
0.5
6
27.5
0.048
0.22
P
TMCP1D224(1)TRF
0.5
6
27.5
0.048
0.33
P
TMCP1D334(1)TRF
0.5
6
22.0
0.054
0.47
P
TMCP1D474(1)TRF
0.5
6
22.0
0.054
0.68
P
TMCP1D684(1)TRF
0.5
6
16.5
0.062
1.0
P
TMCP1D105(1)TRF
0.5
6
11.0
0.076
1.5
P
TMCP1D155(1)TRF
0.5
8
11.0
0.076
2.2
P
TMCP1D225MTRF
0.5
8
8.8
0.085
25 VDC AT +85 °C; 16 VDC AT +125 °C
0.10
P
TMCP1E104(1)TRF
0.5
6
33.0
0.044
0.47
P
TMCP1E474(1)TRF
0.5
6
22.0
0.054
1.0
P
TMCP1E105(1)TRF
0.5
6
11.0
0.076
Note
• Part number definition:
(1) Tolerance: For 10 % tolerance, specify “K”; for 20 % tolerance, change to “M”
RECOMMENDED VOLTAGE DERATING GUIDELINES (for temperature below +85 °C)
CAPACITOR VOLTAGE RATING
OPERATING VOLTAGE
2.5
1.2
4.0
2.0
6.3
3.1
10
5.0
16
8.0
20
10.0
25
12.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com