Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TMCS
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Standard Industrial Grade
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCS Datasheet(HTML) 2 Page - Vishay Siliconix

  TMCS Datasheet HTML 1Page - Vishay Siliconix TMCS Datasheet HTML 2Page - Vishay Siliconix TMCS Datasheet HTML 3Page - Vishay Siliconix TMCS Datasheet HTML 4Page - Vishay Siliconix TMCS Datasheet HTML 5Page - Vishay Siliconix TMCS Datasheet HTML 6Page - Vishay Siliconix TMCS Datasheet HTML 7Page - Vishay Siliconix TMCS Datasheet HTML 8Page - Vishay Siliconix TMCS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TMCS
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
2
Document Number: 40177
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Marking code repeats every four years in alphabetical order (letter of I, i, O, and o are excluded)
RATINGS AND CASE CODES
μF
4 V
7 V
10 V
16 V
20 V
25 V
35 V
0.10
A
0.15
A
0.22
A
0.33
A
0.47
AB
0.68
AB
1.0
A
B
1.5
A
B
C
2.2
A
B
C
3.3
A
B
C
4.7
B
C
E
6.8
B
C
E
10
B
C
E
15
C
E
22
C
E
33
C
E
47
E
68
E
MARKING
SIMPLIFIED CAP CODES, CASES A, B
CAPACITANCE
μF
CAPACITANCE
CODE
CAPACITANCE
μF
CAPACITANCE
CODE
0.10
104
3.3
335
0.15
154
4.7
475
0.22
224
6.8
685
0.33
334
10
106
0.47
474
15
156
0.68
684
22
226
1.0
105
33
336
1.5
155
47
476
2.2
225
68
686
DATE CODE
YEAR
MONTH
123456789
10
11
12
2013
A
B
C
D
E
F
G
H
J
K
L
M
2014
N
P
Q
R
S
T
U
V
W
X
Y
Z
2015
a
b
c
d
e
f
g
h
j
k
l
m
2016
n
p
q
r
s
t
u
v
w
x
y
z
2017
A
B
C
D
E
F
G
H
J
K
L
M
2018
N
P
Q
R
S
T
U
V
W
X
Y
Z
2019
a
b
c
d
e
f
g
h
j
k
l
m
2020
n
p
q
r
s
t
u
v
w
x
y
z
A7A
Simplified code of nominal
capacitance (A7: 10 μF)
Anode indication belt mark
A, B Case
Date code
16A
C, E Case
Date code
Anode indication belt mark
Rated voltage (16 V)
Nominal capacitance value (10 μF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com