Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TMCS
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Standard Industrial Grade
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCS Datasheet(HTML) 3 Page - Vishay Siliconix

  TMCS Datasheet HTML 1Page - Vishay Siliconix TMCS Datasheet HTML 2Page - Vishay Siliconix TMCS Datasheet HTML 3Page - Vishay Siliconix TMCS Datasheet HTML 4Page - Vishay Siliconix TMCS Datasheet HTML 5Page - Vishay Siliconix TMCS Datasheet HTML 6Page - Vishay Siliconix TMCS Datasheet HTML 7Page - Vishay Siliconix TMCS Datasheet HTML 8Page - Vishay Siliconix TMCS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TMCS
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
3
Document Number: 40177
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C 120 Hz
(%)
MAX. ESR
AT +25 °C 100 kHz
(
)
MAX. RIPPLE,
100 kHz IRMS
(A)
4 VDC AT +85 °C, 2.5 VDC AT +125 °C
3.3
A
TMCSA0G335(1)TRF
0.5
6.0
4.0
0.140
10
B
TMCSB0G106(1)TRF
0.5
6.0
1.7
0.238
33
C
TMCSC0G336(1)TRF
1.3
6.0
1.1
0.302
68
E
TMCSE0G686(1)TRF
2.7
6.0
0.6
0.447
7 VDC AT +85 °C, 4 VDC AT +125 °C
2.2
A
TMCSA0J225(1)TRF
0.5
6.0
4.4
0.133
6.8
B
TMCSB0J685(1)TRF
0.5
6.0
2.8
0.185
22
C
TMCSC0J226(1)TRF
1.5
6.0
1.1
0.302
47
E
TMCSE0J476(1)TRF
3.3
6.0
0.9
0.365
10 VDC AT +85 °C, 6.3 VDC AT +125 °C
1.5
A
TMCSA1A155(1)TRF
0.5
6.0
4.4
0.133
4.7
B
TMCSB1A475(1)TRF
0.5
6.0
2.8
0.185
15
C
TMCSC1A156(1)TRF
1.5
6.0
2.2
0.213
33
E
TMCSE1A336(1)TRF
3.3
6.0
0.9
0.365
16 VDC AT +85 °C, 10 VDC AT +125 °C
1.0
A
TMCSA1C105(1)TRF
0.5
4.0
6.6
0.109
3.3
B
TMCSB1C335(1)TRF
0.5
6.0
3.9
0.157
10
C
TMCSC1C106(1)TRF
1.6
6.0
1.7
0.243
22
E
TMCSE1C226(1)TRF
3.5
6.0
0.9
0.365
20 VDC AT +85 °C, 13 VDC AT +125 °C
0.68
A
TMCSA1D684(1)TRF
0.5
4.0
9.7
0.090
2.2
B
TMCSB1D225(1)TRF
0.5
6.0
3.9
0.157
6.8
C
TMCSC1D685(1)TRF
1.4
6.0
1.7
0.243
15
E
TMCSE1D156(1)TRF
3.0
6.0
0.9
0.365
25 VDC AT +85 °C, 16 VDC AT +125 °C
0.47
A
TMCSA1E474(1)TRF
0.5
4.0
16.5
0.069
1.5
B
TMCSB1E155(1)TRF
0.5
6.0
3.9
0.157
4.7
C
TMCSC1E475(1)TRF
1.2
6.0
2.8
0.189
10
E
TMCSE1E106(1)TRF
2.5
6.0
2.0
0.245
35 VDC AT +85 °C, 22 VDC AT +125 °C
0.10
A
TMCSA1V104(1)TRF
0.5
4.0
38.5
0.045
0.15
A
TMCSA1V154(1)TRF
0.5
4.0
38.5
0.045
0.22
A
TMCSA1V224(1)TRF
0.5
4.0
38.5
0.045
0.33
A
TMCSA1V334(1)TRF
0.5
4.0
22.0
0.060
0.47
B
TMCSB1V474(1)TRF
0.5
4.0
19.8
0.070
0.68
B
TMCSB1V684(1)TRF
0.5
4.0
8.8
0.104
1.0
B
TMCSB1V105(1)TRF
0.5
4.0
3.9
0.157
1.5
C
TMCSC1V155(1)TRF
0.5
6.0
5.0
0.141
2.2
C
TMCSC1V225(1)TRF
0.8
6.0
5.0
0.141
3.3
C
TMCSC1V335(1)TRF
1.2
6.0
3.9
0.160
4.7
E
TMCSE1V475(1)TRF
1.6
6.0
2.8
0.207
6.8
E
TMCSE1V685(1)TRF
2.4
6.0
1.7
0.266
Note
• Part number definition:
(1) Tolerance: For 10 % tolerance, specify “K”; for 20 % tolerance, change to “M”
RECOMMENDED VOLTAGE DERATING GUIDELINES (for temperature below +85 °C)
CAPACITOR VOLTAGE RATING
OPERATING VOLTAGE
4.0
2.0
7.0
3.5
10
5.0
16
8.0
20
10
25
12.5
35
17.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com