Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4484G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4484G
Description  Dual Voltage Regulator with 5 V and 15 V Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4484G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4484G Datasheet HTML 3Page - Infineon Technologies AG TLE4484G Datasheet HTML 4Page - Infineon Technologies AG TLE4484G Datasheet HTML 5Page - Infineon Technologies AG TLE4484G Datasheet HTML 6Page - Infineon Technologies AG TLE4484G Datasheet HTML 7Page - Infineon Technologies AG TLE4484G Datasheet HTML 8Page - Infineon Technologies AG TLE4484G Datasheet HTML 9Page - Infineon Technologies AG TLE4484G Datasheet HTML 10Page - Infineon Technologies AG TLE4484G Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Data Sheet Rev. 1.0
7
2000-08-04
TLE 4484
Note: The listed characteristics are ensured over the operating range of the integrated
circuit. Typical characteristics specify mean values expected over the production
spread. If not otherwise specified, typical characteristics apply at
T
A = 25 °C and
the given supply voltage.
15 V Output Q15
Output voltage
V
Q15
14.4
15.0
15.6
V
I
Q15 =15mA;
T
j =25 °C
Output voltage
V
Q15
14.25
15.75 V
1 mA <
I
Q15 <30mA
Output current
limitation
I
Q15
40
––
mA
1)
Output drop voltage;
V
DRQ15 = VI – VQ15
V
DRQ15
–0.9
1.5
V
I
Q15 = 30 mA
1)
Load regulation
∆V
Q15
–10
50
mV
1 mA <
I
Q15 <30 mA;
V
I =17V
Line regulation
∆V
Q15
–80
150
mV
I
Q15 = 5 mA;
16 V <
V
I <36 V
Power-Supply-Ripple
-Rejection
PSRR15
–50
–
dB
20 Hz <
f
r <20 kHz;
V
r = 5 VSS
Value of output cap
C
Q15
1.0
–
–
µF–
ESR of output cap
R
ESRQ15
––
4.0
Ω
–
1)
Measured when the output voltage
V
Q has dropped 100 mV from the nominal value.
Electrical Characteristics (cont’d)
17 V <
V
I < 42 V; – 40 °C < Tj < 125 °C; all voltages with respect to ground; positive
current defined flowing out of pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com