Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4484G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4484G
Description  Dual Voltage Regulator with 5 V and 15 V Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4484G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4484G Datasheet HTML 1Page - Infineon Technologies AG TLE4484G Datasheet HTML 2Page - Infineon Technologies AG TLE4484G Datasheet HTML 3Page - Infineon Technologies AG TLE4484G Datasheet HTML 4Page - Infineon Technologies AG TLE4484G Datasheet HTML 5Page - Infineon Technologies AG TLE4484G Datasheet HTML 6Page - Infineon Technologies AG TLE4484G Datasheet HTML 7Page - Infineon Technologies AG TLE4484G Datasheet HTML 8Page - Infineon Technologies AG TLE4484G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Dual Voltage Regulator with 5 V and 15 V Outputs
TLE 4484
SOT-223
Data Sheet Rev. 1.0
1
2000-08-04
Features
• Dual output: 5 V and 15 V
• High input voltage range: up to 45 V
• High output current capability
• High output voltage accuracy
• Very low current consumption
• Short circuit protected
• Over-temperature protected
• Thermal and space optimized package
Functional Description
The TLE 4484 G is a monolithic integrated voltage regulator providing two output
voltages, output Q5 is a 5 V output for loads up to 25 mA and output Q15 is a 15 V output
providing up to 30 mA. The device is based on the Infineon double isolated bipolar
technology DOPL with high accuracy polysilicon resistors and is available in the SOT223
(SMD) package.
The TLE 4484 G is designed to supply systems with a microcontroller (5 V) and a
standard MOS-driver-IC (15 V) under severe conditions and is therefore equipped with
additional protection functions.
Both outputs are protected against overload, short circuit to ground and to the input
voltage. A build-in shutdown-circuit protects the device against overheat.
The IC operates in a wide input voltage range up to 45 V. The output voltages are
regulated to
V
Q5 = 5 V and VQ15 = 15 V with a drop voltage less than 1.5 V. The standard
SOT223 (SMD) package is especially suitable for this kind of application, saves
PCB-board-space and reduces system cost.
Type
Ordering Code
Package
TLE 4484 G
Q67006-A9396
P-SOT223-4-2 (SMD)


Similar Part No. - TLE4484G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4418G INFINEON-TLE4418G Datasheet
85Kb / 10P
Triple Voltage Regulator
Rev. 0.1 2001-12-10
logo
Siemens Semiconductor G...
TLE4470 SIEMENS-TLE4470 Datasheet
121Kb / 22P
Dual Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470 Datasheet
277Kb / 24P
Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
logo
Siemens Semiconductor G...
TLE4470G SIEMENS-TLE4470G Datasheet
121Kb / 22P
Dual Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4470G INFINEON-TLE4470G Datasheet
277Kb / 24P
Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
More results

Similar Description - TLE4484G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4286G SIEMENS-TLE4286G Datasheet
42Kb / 9P
5-V Voltage Regulator
logo
STMicroelectronics
STV8164 STMICROELECTRONICS-STV8164 Datasheet
110Kb / 11P
5 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G Datasheet
158Kb / 13P
5-V Voltage Regulator
Version 1.3 2001-09-12
TLE4285G INFINEON-TLE4285G Datasheet
201Kb / 11P
5-V Voltage Regulator
Rev. 2.1, 2004-01-01
logo
STMicroelectronics
STV8162 STMICROELECTRONICS-STV8162 Datasheet
870Kb / 12P
5 V, 5 V and 8 V Triple-Voltage Regulator with Disable and Reset Functions
Feb-2004
TDA8133 STMICROELECTRONICS-TDA8133_03 Datasheet
133Kb / 13P
5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
STV8162 STMICROELECTRONICS-STV8162_09 Datasheet
215Kb / 14P
5 V, 5 V and 8 V triple voltage regulator with disable and reset functions
04-Mar-2009
TDA8133 STMICROELECTRONICS-TDA8133_09 Datasheet
185Kb / 14P
5.1 V and 8 V dual voltage regulator with disable and reset functions
05-Mar-2009
logo
Texas Instruments
TPS65280 TI-TPS65280_15 Datasheet
1Mb / 34P
DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
logo
Infineon Technologies A...
IFX21004TNV51 INFINEON-IFX21004TNV51 Datasheet
1Mb / 14P
Dual Voltage Regulator with 5 V and 15 V Outputs
Rev. 1.00, 2010-11-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com