Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1040IPWR Datasheet(PDF) 6 Page - Texas Instruments

Part # THS1040IPWR
Description  3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1040IPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS1040IPWR Datasheet HTML 2Page - Texas Instruments THS1040IPWR Datasheet HTML 3Page - Texas Instruments THS1040IPWR Datasheet HTML 4Page - Texas Instruments THS1040IPWR Datasheet HTML 5Page - Texas Instruments THS1040IPWR Datasheet HTML 6Page - Texas Instruments THS1040IPWR Datasheet HTML 7Page - Texas Instruments THS1040IPWR Datasheet HTML 8Page - Texas Instruments THS1040IPWR Datasheet HTML 9Page - Texas Instruments THS1040IPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
THS1040
SLAS290C − OCTOBER 2001 − REVISED OCTOBER 2004
6
www.ti.com
electrical characteristics
over recommended operating conditions, AVDD = 3 V, DVDD = 3 V, fs = 40 MSPS/50% duty cycle, MODE = AVDD (internal reference),
differential input range = 1 VPP and 2 VPP, TA = Tmin to Tmax (unless otherwise noted) (continued)
dynamic performance (ADC)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ENOB
Effective number of bits
f = 4.8 MHz, −0.5 dBFS
8.8
9.6
Bits
ENOB
Effective number of bits
f = 20 MHz, −0.5 dBFS
9.5
Bits
SFDR
Spurious free dynamic range
f = 4.8 MHz, −0.5 dBFS
60.5
72
dB
SFDR
Spurious free dynamic range
f = 20 MHz, −0.5 dBFS
70
dB
THD
Total harmonic distortion
f = 4.8 MHz, −0.5 dBFS
− 72.5
− 61.3
dB
THD
Total harmonic distortion
f = 20 MHz, −0.5 dBFS
− 71.6
dB
SNR
Signal-to-noise ratio
f = 4.8 MHz, −0.5 dBFS
55.7
60
dB
SNR
Signal-to-noise ratio
f = 20 MHz, −0.5 dBFS
57
dB
SINAD
Signal-to-noise and distortion
f = 4.8 MHz, −0.5 dBFS
55.6
59.7
dB
SINAD
Signal-to-noise and distortion
f = 20 MHz, −0.5 dBFS
59.6
dB
BW
Full power bandwidth (−3 dB)
900
MHz
digital specifications
PARAMETER
MIN
NOM
MAX
UNIT
Digital Inputs
VIH
High-level input voltage
Clock input
0.8
× AVDD
V
VIH
High-level input voltage
All other inputs
0.8
× DVDD
V
VIL
Low-level input voltage
Clock input
0.2
× AVDD
V
VIL
Low-level input voltage
All other inputs
0.2
× DVDD
V
IIH
High-level input current
1
µA
IIL
Low-level input current
|−1|
µA
Ci
Input capacitance
5
pF
Digital Outputs
VOH
High-level output voltage
Iload = 50 µA
DVDD−0.4
V
VOL
Low-level output voltage
Iload = −50 µA
0.4
V
High-impedance output current
±1
µA
Rise/fall time
Cload = 15 pF
3.5
ns
Clock Input
tc
Clock cycle time
25
200
ns
tw(CKH)
Pulse duration, clock high
11.25
110
ns
tw(CKL)
Pulse duration, clock low
11.25
110
ns
Clock duty cycle
45%
50%
55%
td(o)
Clock to data valid, delay time
9.5
16
ns
Pipeline latency
4
Cycles
td(AP)
Aperture delay time
0.1
ns
Aperture uncertainty (jitter)
1
ps
timing
PARAMETER
MIN
TYP
MAX
UNIT
td(DZ)
Output disable to Hi-Z output, delay time
0
10
ns
td(DEN)
Output enable to output valid, delay time
0
10
ns
VO(BIASREF) Output voltage
MODE = AVDD
(AVDD/2) − 0.1
(AVDD/2) + 0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com