Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1040IPWR Datasheet(PDF) 13 Page - Texas Instruments

Part # THS1040IPWR
Description  3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1040IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS1040IPWR Datasheet HTML 9Page - Texas Instruments THS1040IPWR Datasheet HTML 10Page - Texas Instruments THS1040IPWR Datasheet HTML 11Page - Texas Instruments THS1040IPWR Datasheet HTML 12Page - Texas Instruments THS1040IPWR Datasheet HTML 13Page - Texas Instruments THS1040IPWR Datasheet HTML 14Page - Texas Instruments THS1040IPWR Datasheet HTML 15Page - Texas Instruments THS1040IPWR Datasheet HTML 16Page - Texas Instruments THS1040IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
THS1040
SLAS290C − OCTOBER 2001 − REVISED OCTOBER 2004
13
www.ti.com
TYPICAL CHARACTERISTICS
−140
−120
−100
−80
−60
−40
−20
0
20
0
5
10
15
20
f − Frequency − MHz
FFT
fi= 10 MHz, −0.5 dBFS
fS = 40 MSPS,
Diff Input = 2 V
Figure 18
−140
−120
−100
−80
−60
−40
−20
0
20
0
5
10
15
20
f − Frequency − MHz
FFT
fi = 4.5 MHz, −0.5 dBFS
fS = 40 MSPS,
Diff Inpt = 2 V
Figure 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com