Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3 Datasheet(PDF) 18 Page - Vishay Siliconix

Part # TP3
Description  Solid Tantalum Surface Mount Chip Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3 Datasheet(HTML) 18 Page - Vishay Siliconix

Back Button TP3 Datasheet HTML 14Page - Vishay Siliconix TP3 Datasheet HTML 15Page - Vishay Siliconix TP3 Datasheet HTML 16Page - Vishay Siliconix TP3 Datasheet HTML 17Page - Vishay Siliconix TP3 Datasheet HTML 18Page - Vishay Siliconix TP3 Datasheet HTML 19Page - Vishay Siliconix TP3 Datasheet HTML 20Page - Vishay Siliconix TP3 Datasheet HTML 21Page - Vishay Siliconix TP3 Datasheet HTML 22Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Molded Guide
www.vishay.com
Vishay Sprague
Revision: 12-Sep-17
6
Document Number: 40074
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RECOMMENDED REFLOW PROFILES
Capacitors should withstand reflow profile as per J-STD-020 standard, three cycles.
PROFILE FEATURE
SnPb EUTECTIC ASSEMBLY
LEAD (Pb)-FREE ASSEMBLY
Preheat / soak
Temperature min. (Ts min.)
100 °C
150 °C
Temperature max. (Ts max.)
150 °C
200 °C
Time (ts) from (Ts min. to Ts max.)
60 s to 120 s
60 s to 120 s
Ramp-up
Ramp-up rate (TL to Tp)
3 °C/s max.
3 °C/s max.
Liquidus temperature (TL)
183 °C
217 °C
Time (tL) maintained above TL
60 s to 150 s
60 s to 150 s
Peak package body temperature (Tp)
Depends on case size - see table below
Time (tp) within 5 °C of the specified
classification temperature (TC)
20 s
30 s
Time 25 °C to peak temperature
6 min max.
8 min max.
Ramp-down
Ramp-down rate (Tp to TL)
6 °C/s max.
6 °C/s max.
25
TIME (s)
t
s
t
L
Time 25 °C to peak
T
L
T
p
T
C - 5 °C
t
p
T
s max.
T
s min.
Preheat area
Max. ramp-up rate = 3 °C/s
Max. ramp-down rate = 6 °C/s
PEAK PACKAGE BODY TEMPERATURE (Tp)
CASE CODE
PEAK PACKAGE BODY TEMPERATURE (Tp)
SnPb EUTECTIC PROCESS
LEAD (Pb)-FREE PROCESS
A, B, C, V
235 °C
260 °C
D, E, W
220 °C
250 °C
PAD DIMENSIONS in inches [millimeters]
CASE CODE
A
(MIN.)
B
(NOM.)
C
(NOM.)
D
(NOM.)
MOLDED CHIP CAPACITORS, ALL TYPES
A
0.071 [1.80]
0.067 [1.70]
0.053 [1.35]
0.187 [4.75]
B
0.118 [3.00]
0.071 [1.80]
0.065 [1.65]
0.207 [5.25]
C
0.118 [3.00]
0.094 [2.40]
0.118 [3.00]
0.307 [7.80]
D
0.157 [4.00]
0.098 [2.50]
0.150 [3.80]
0.346 [8.80]
E
0.157 [4.00]
0.098 [2.50]
0.150 [3.80]
0.346 [8.80]
V
0.157 [4.00]
0.098 [2.50]
0.150 [3.80]
0.346 [8.80]
W
0.185 [4.70]
0.098 [2.50]
0.150 [3.80]
0.346 [8.80]
A
B
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com