Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBP2005 Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # KBP2005
Description  2.0 A Single-Phase Silicon Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

KBP2005 Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  KBP2005 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. KBP2005 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAOMI XINGHE ELECTRONICS CO.,LTD.                  WWW.SDDZG.COM
Fig. 1 Derating Curve for
Output Rectified Current
2.0
Fig. 2 Maximum Non-repetitive Peak
Forward Surge Current
60
8.3ms
1.5
Case
50
Lead
40
30
Single half-sine-Wave
[JEDEC Method]
20
1.0
0.5
Ambient
10
0
1
10
100
Number of Cycles at 60HZ
0
50
100
150
Fig. 4 Typical Reverse
Characteristics
10
Case Temperature,
oC
TA=125 C
1.0
TA=100 C
Fig. 3 Typical Instantaneous
Forward Characteristics
0.1
10
1.0
Tj=25 C
Pulse Width=300us
2% duty cycle
TA=25 C
.01
0
20
40
60
80
100
120
140
Percent of Rated Peak Reverse
Voltage, %
Fig. 5 Typical Junction Capacitance
0.1
100
Tj=25 C
f=1.0MHz
.01
0.4
0.6
0.8
1.0
1.2
1.4
10
Instantaneous Forward
Voltage, Volts
1
10
100
Reverse Voltage, Volts
KBP2005 thru KBP210
2.0 A Single-Phase Silicon Bridge Rectifier
Rectifier Reverse Voltage 50 to 1000V
星合电子
XINGHE ELECTRONICS
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com