Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBP2005 Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # KBP2005
Description  2.0 A Single-Phase Silicon Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

KBP2005 Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  KBP2005 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. KBP2005 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.
KBP2005 thru KBP210
2.0 A Single-Phase Silicon Bridge Rectifier
Rectifier Reverse Voltage 50 to 1000V
Maximum Ratings & Thermal Characteristics
Rating at 25 C ambient temperature unless otherwise specified, Resistive or Inductive load, 60 Hz.
For Capacitive load derate current by 20%.
Parameter
Symbol
KBP2
005
KBP2
01
KBP2
02
KBP2
04
KBP2
06
KBP2
08
KBP2
10
unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS bridge input voltage
Maximum DC blocking voltage
Maximum average forward rectified
output current at TA=50 C
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
Rating for fusing ( t<8.3ms)
Typical thermal resistance per element (1)
VRMS
VDC
IF(AV)
IFSM
I
2 t
ReJA
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
2.0
60
15.0
10.0
V
V
A
A
A
2
sec
C / W
Typical junction capacitance per element (2)
Operating junction and storage temperature
range
Cj
TJ,
TSTG
25.0
p
F
-55 to + 150
Electrical Characteristics
Rating at 25 C ambient temperature unless otherwise specified. Resistive or Inductive load, 60Hz.
For Capacitive load derate by 20 %.
Parameter
Symbol KBP2
005
KBP2
01
KBP2
02
KBP2
04
KBP2
06
KBP2
08
KBP2
10
Unit
Maximum instantaneous forward voltage drop
per leg at 2.0A
VF
1.1
V
Maximum DC reverse current at rated TA =25 C
DC blocking voltage per element
TA =125 C
IR
10
500
A
Notes: (1)Thermal resistance from Junction to Ambemt on P.C.board mounting.
(2)Measured at 2.0MHz and applied reverse voltage of 4.0 volts.
星合电子
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICS CO.,LTD.                  WWW.SDDZG.COM
1
atures
Fe
This series is UL listed under the Recognized
Component Index, file number E142814
Ideal for printed circuit board mounting
The plastic material used carries Underwriters Laboratory
flammability recognition 94V-0
Built-in printed circuit board stand-offs
High case dielectric strength
High temperature soldering guaranteed 265
/10
seconds at 5 lbs (2.3kg) tension
Mechanical Data
Case: Reliable low cost construction utilizing
molded plastic technique
Terminals: Plated leads solderable per MIL-STD-202,
Method 208
Mounting Position: Any
Weight: 0.065 ounce, 2.2 grams (approx)
.


Similar Part No. - KBP2005

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
KBP2005 WEITRON-KBP2005 Datasheet
191Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
KBP2005 YANGJIE-KBP2005 Datasheet
253Kb / 2P
SINGLE PHASE 2.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
KBP2005 SEMTECH_ELEC-KBP2005 Datasheet
325Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBP2005 CHENYI-KBP2005 Datasheet
557Kb / 2P
2.0Amp glass passivated bridge rectifier 50to1000 volts
logo
Weitron Technology
KBP2005 WEITRON-KBP2005 Datasheet
836Kb / 3P
Glass Passivated Bridge Rectifiers
More results

Similar Description - KBP2005

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE166 NTE-NTE166 Datasheet
18Kb / 2P
Single Phase Bridge Rectifier 2.0 Amp
logo
First Components Intern...
KBP200 FCI-KBP200 Datasheet
129Kb / 2P
2.0 Amp SINGLE PHASE SILICON BRIDGE
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
First Components Intern...
KBJ200 FCI-KBJ200 Datasheet
67Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier High surge current capability
logo
Olitech Electronics Co....
2W005A OLITECH-2W005A Datasheet
229Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier
logo
Shenzhen Yixinwei Techn...
2W005 YIXIN-2W005 Datasheet
146Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier
KBL6005 YIXIN-KBL6005 Datasheet
135Kb / 2P
6.0 A Single-Phase Silicon Bridge Rectifier
KBP301 YIXIN-KBP301 Datasheet
127Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier
KBU8005 YIXIN-KBU8005 Datasheet
127Kb / 2P
8.0 A Single-Phase Silicon Bridge Rectifier
logo
List of Unclassifed Man...
KBL005 ETC-KBL005 Datasheet
26Kb / 2P
4.0 A Single-Phase Silicon Bridge Rectifier
2003 SEP ELECTRONIC CORP.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com