Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2201 Datasheet(PDF) 1 Page - Texas Instruments

Part # TNETE2201
Description  1.25-GIGABIT ETHERNET TRANSCEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2201 Datasheet(HTML) 1 Page - Texas Instruments

  TNETE2201 Datasheet HTML 1Page - Texas Instruments TNETE2201 Datasheet HTML 2Page - Texas Instruments TNETE2201 Datasheet HTML 3Page - Texas Instruments TNETE2201 Datasheet HTML 4Page - Texas Instruments TNETE2201 Datasheet HTML 5Page - Texas Instruments TNETE2201 Datasheet HTML 6Page - Texas Instruments TNETE2201 Datasheet HTML 7Page - Texas Instruments TNETE2201 Datasheet HTML 8Page - Texas Instruments TNETE2201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TNETE2201
1.25-GIGABIT ETHERNET TRANSCEIVER
SLLS267D – JUNE 1997 – REVISED FEBRUARY 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 1.25 Gigabits Per Second (Gbps) Gigabit
Ethernet Transceiver
D Based On the P802.3Z Specification
D Transmits Serial Data Up to 1.25 Gbps
D Operates With 3.3-V Supply Voltage
D 5-V Tolerant on TTL Inputs
D Interfaces to Electrical Cables/Backplane or
with Optical Modules
D PECL Voltage Differential Signaling Load,
1 V Typ with 50
Ω – 75 Ω
D Receiver Differential Input Voltage
200 mV Minimum
D Low Power Consumption
D 64-Pin Quad Flat Pack With Thermally
Enhanced Package
description
The TNETE2201 Gigabit Ethernet transceiver provides for ultra high-speed bidirectional point-to-point data
transmission. This device is based on the timing requirements of the proposed 10-bit interface specification by
the P802.3z Gigabit Task Force.
1718 19
RC0
SYNC
GND_TTL
RD0
RD1
RD2
VCC_TTL
RD3
RD4
RD5
RD6
VCC_TTL
RD7
RD8
RD9
GND_TTL
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
GND_CMOS
TD0
TD1
TD2
VCC_CMOS
TD3
TD4
TD5
TD6
VCC_CMOS
TD7
TD8
TD9
GND_CMOS
GND_TX
TC1
21 22 23 24
63 62 61 60 59
64
58
56 55 54
57
25 26 27 28 29
53 52 51 50 49
30 31 32
PHD OR PJD PACKAGE
(TOP VIEW)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1999, Texas Instruments Incorporated


Similar Part No. - TNETE2201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETE2201 TI2-TNETE2201 Datasheet
936Kb / 21P
ETHERNET TRANSCEIVER
REVISED SEPTEMBER 2009
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201APHD TI-TNETE2201APHD Datasheet
254Kb / 19P
1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201APJD TI-TNETE2201APJD Datasheet
254Kb / 19P
1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201B TI-TNETE2201B Datasheet
256Kb / 19P
1.25-GIGABIT ETHERNET TRANSCEIVER
More results

Similar Description - TNETE2201

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3044T PHILIPS-TZA3044T Datasheet
104Kb / 18P
1.25 Gbits/s Gigabit Ethernet postamplifiers
1998 Jul 07
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201B TI-TNETE2201B Datasheet
256Kb / 19P
1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
Gigabit Ethernet Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
Gigabit Ethernet Transceiver Macrocell
March 2000
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
Quad Gigabit Ethernet Transceiver
July 2000
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
GIGABIT ETHERNET TRANSCEIVER
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
Gigabit Ethernet PHY Transceiver
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
SERDES Gigabit Ethernet Transceiver
logo
Texas Instruments
TNETE2201B TI1-TNETE2201B_14 Datasheet
1Mb / 28P
1.25-GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com