Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2201PHD Datasheet(PDF) 7 Page - Texas Instruments

Part # TNETE2201PHD
Description  1.25-GIGABIT ETHERNET TRANSCEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2201PHD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TNETE2201PHD Datasheet HTML 2Page - Texas Instruments TNETE2201PHD Datasheet HTML 3Page - Texas Instruments TNETE2201PHD Datasheet HTML 4Page - Texas Instruments TNETE2201PHD Datasheet HTML 5Page - Texas Instruments TNETE2201PHD Datasheet HTML 6Page - Texas Instruments TNETE2201PHD Datasheet HTML 7Page - Texas Instruments TNETE2201PHD Datasheet HTML 8Page - Texas Instruments TNETE2201PHD Datasheet HTML 9Page - Texas Instruments TNETE2201PHD Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TNETE2201
1.25-GIGABIT ETHERNET TRANSCEIVER
SLLS267D – JUNE 1997 – REVISED FEBRUARY 1999
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
data reception (continued)
During a bus error condition or word alignment, the receive byte clocks RBC0 and RBC1 are stretched (never
truncated). When the incoming serial data does not meet its frequency requirements, then the receive byte clock
frequency is maintained at 62.5 MHz.
receive PLL operation
The receive PLL provides automatic locking to the incoming data. At power-up, the maximum initial lock time
is 500
µs. The PLL can also be initiated or set to phase lock to the externally supplied reference clock by enabling
lock-to-reference (LCKREFN). The lock-to-reference causes the receive PLL to lock to 10
× the reference clock
(REFCLK) input providing a PLL preset and reset capability.
If a transient occurs during normal operation (a transient being defined as any arbitrary phase shift in the
incoming data and/or a frequency wander of up to 200 ppm), the PLL recovers lock within 2.4
µs. Any condition
exceeding these values is considered a power-up scenario with the PLL recovering lock within 500
µs. With a
0.1
µF capacitor attached, the PLL recovers lock within 10 ms on power up.
receiver word alignment
The TNETE2201 uses a 10-bit K28.5 character (comma character) word alignment scheme. The following
sections explain how this scheme works and how it realigns itself.
comma character on expected boundary
The TNETE2201 provides 10-bit K28.5 character recognition and word alignment. The 10-bit word alignment
is enabled by forcing SYCNEN high. This enables the function that examines and compares ten bits of serial
input data to the K28.5 synchronization character. The K28.5 character is defined in the fibre channel standard
as a pattern consisting of 0011111010 (a negative number beginning disparity) with the 7 MSBs (0011111)
referred to as the comma character. The K28.5 character was implemented specifically for aligning data words.
As long as the K28.5 character falls within the expected 10-bit word boundary, the received 10-bit data is
properly aligned and data realignment is not required. Figure 1 shows the timing characteristics of RBC0, RBC1,
SYNC and RD0 – RD9 while synchronized.
NOTE:
The
K28.5 character is valid on the rising edge of RBC1.
RBC0
RD0 – RD9
RBC1
SYNC
K28.5
Dxx.x
Dxx.x
Dxx.x
K28.5
Dxx.x
Figure 1. Synchronous Timing Characteristics Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com