Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2201PHD Datasheet(PDF) 2 Page - Texas Instruments

Part # TNETE2201PHD
Description  1.25-GIGABIT ETHERNET TRANSCEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2201PHD Datasheet(HTML) 2 Page - Texas Instruments

  TNETE2201PHD Datasheet HTML 1Page - Texas Instruments TNETE2201PHD Datasheet HTML 2Page - Texas Instruments TNETE2201PHD Datasheet HTML 3Page - Texas Instruments TNETE2201PHD Datasheet HTML 4Page - Texas Instruments TNETE2201PHD Datasheet HTML 5Page - Texas Instruments TNETE2201PHD Datasheet HTML 6Page - Texas Instruments TNETE2201PHD Datasheet HTML 7Page - Texas Instruments TNETE2201PHD Datasheet HTML 8Page - Texas Instruments TNETE2201PHD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TNETE2201
1.25-GIGABIT ETHERNET TRANSCEIVER
SLLS267D – JUNE 1997 – REVISED FEBRUARY 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The intended application of this device is to provide building blocks for developing point-to-point baseband data
transmission over controlled-impedance media of approximately 50
Ω to 75 Ω. The transmission media can be
printed-circuit board traces, back planes, cables, or fiber-optical media. The ultimate rate and distance of data
transfer is dependent upon the attenuation characteristics of the media and the noise coupling to the
environment.
The TNETE2201 performs the data serialization and deserialization (SERDES) functions for the gigabit
ethernet physical layer interface. The transceiver operates at 1.25 Gbps (typical), providing up to 1000 Mbps
of bandwidth over a copper or optical media interface. The serializer/transmitter accepts 8b/10b parallel
encoded data bytes. The parallel data bytes are serialized and transmitted differentially nonreturn-to-zero
(NRZ) at pseudo-ECL (PECL) voltage levels. The deserializer/receiver extracts clock information from the input
serial stream and deserializes the data, outputting a parallel 10-bit data byte. The 10-bit data bytes are output
with respect to two receive byte clocks (RBC0, RBC1) allowing a protocol device to clock the parallel bytes in
RBC clock rising edges.
The transceiver automatically locks onto incoming data without the need to prelock. However, the transceiver
can be commanded to lock to the externally supplied reference clock (REFCLK) as a reset function, if needed.
The TNETE2201 provides an internal loopback capability for self-test purposes. Serial data from the serializer
is passed directly to the deserializer allowing the protocol device a functional self-check of the physical interface.
The TNETE2201 is characterized for operation from 0
°C to 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com