Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC150 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # ABC150
Description  Cover Kit Accessory Available
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC150 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  ABC150 Datasheet HTML 1Page - Bel Fuse Inc. ABC150 Datasheet HTML 2Page - Bel Fuse Inc. ABC150 Datasheet HTML 3Page - Bel Fuse Inc. ABC150 Datasheet HTML 4Page - Bel Fuse Inc. ABC150 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
ABC150 Series
tech.support@psbel.com
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Isolation Voltage
Input to Output:
Min. 4242 VDC
Safety Standards
Approved to the latest edition of the following standards:
CSA/UL60950-1, EN60950-1 and IEC60950-1
Agency Approvals
Nemko, UL, C-UL
CE mark
Complies with LVD Directive
CONNECTOR
PIN
DESCRIPTION / CONDITION
MANUFACTURER / PN
AC Input Connector
J1
Pin 1
Pin 2
AC Line
AC Neutral
Molex: 26-60-4030 or equivalent
Mating: 09-50-3031; Pins: 08-50-0106
DC Output Connector
J2
Pin 1,2
Pin 3,4
V1
RTN
Option-1: Tyco: 1776112-4 or equivalent
Mating: 13 AWG wire
Option-2: JST: B4P-VH-B (LF) (SN) or B4P-VH (LF) (SN) or
equivalent
Mating: VHR-4M; Pins: SVH-41T-P1.1
Fan
J3
Pin 1
Pin 2
VFAN (12 V / 0.5 A)
RTN
Tyco: 640456-2 or equivalent
Mating: 640440-2
Earthing Tab
J4
Molex: 19705-4301 or equivalent
Mating: 190030001
PARAMETER
DESCRIPTION / CONDITION
Weight
150 g (0.33 lbs.)
Dimensions
101.6 x 50.8 x 33.6 mm (4.0 x 2.0 x 1.3 inch)
Figure 1 - Mechanical Drawing



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com