Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC150 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC150
Description  Cover Kit Accessory Available
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC150 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC150 Datasheet HTML 1Page - Bel Fuse Inc. ABC150 Datasheet HTML 2Page - Bel Fuse Inc. ABC150 Datasheet HTML 3Page - Bel Fuse Inc. ABC150 Datasheet HTML 4Page - Bel Fuse Inc. ABC150 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The ABC150 Series of open-frame power supplies, with its wide
universal 90 - 264 VAC input range and high power density, is available
at 150 W of output power and a variety of single output voltages.
The high efficiency and high power density of the ABC family ensures
minimal power loss in end-use equipment, thereby facilitating higher
reliability, easier thermal management and meets regulatory approvals
for environmentally-friendly end products.
These power supplies are ideal for telecom, datacom, industrial
equipment and other applications.
•
4 x 2 x 1.3 Inch Form Factor
•
150 W with Forced-Air Cooling
•
12 V @ 0.5 A fan voltage auxiliary output
•
High Efficiency > 86%
Low conducted and radiated noise
•
Light weight
•
IEC Protection Class Options:
•
Class I: Earthing Tab J4 (no suffix)
•
Class II: No Earthing Tab (-2 suffix)
•
Cover Kit Accessory Available
•
RoHS Compliant
•
Instrumentation
•
Lighting
•
Industrial Applications
•
Applied Computing
•
Renewable Energy
•
Test and Measurement
•
Robotics
•
Wireless Communication


Similar Part No. - ABC150

ManufacturerPart #DatasheetDescription
logo
Power-One
ABC150 POWER-ONE-ABC150 Datasheet
542Kb / 4P
110 W convection cooled, No minimum load required
ABC150-1005G POWER-ONE-ABC150-1005G Datasheet
542Kb / 4P
110 W convection cooled, No minimum load required
logo
Bel Fuse Inc.
ABC150-1005G BEL-ABC150-1005G Datasheet
769Kb / 6P
4 x 2 x 1.3 Inch Form Factor 150 W with Forced-Air Cooling
logo
Power-One
ABC150-1012G POWER-ONE-ABC150-1012G Datasheet
542Kb / 4P
110 W convection cooled, No minimum load required
logo
Bel Fuse Inc.
ABC150-1012G BEL-ABC150-1012G Datasheet
769Kb / 6P
4 x 2 x 1.3 Inch Form Factor 150 W with Forced-Air Cooling
More results

Similar Description - ABC150

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8927301ZAC ZILOG-Z8927301ZAC Datasheet
155Kb / 4P
Z89273 ACCESSORY KIT
Z8927302ZAC ZILOG-Z8927302ZAC Datasheet
145Kb / 4P
Z89273 ACCESSORY KIT
Z8937100ZAC ZILOG-Z8937100ZAC Datasheet
149Kb / 4P
Z89371 ACCESSORY KIT
Z8937101ZAC ZILOG-Z8937101ZAC Datasheet
270Kb / 7P
Z89371 ACCESSORY KIT
Z8937300ZAC ZILOG-Z8937300ZAC Datasheet
110Kb / 4P
Z89373 ACCESSORY KIT
Z8937301ZAC ZILOG-Z8937301ZAC Datasheet
166Kb / 4P
Z89373 ACCESSORY KIT
logo
Pomona Electronics
6267 POMONA-6267 Datasheet
25Kb / 1P
Oscilloscope Replacement Accessory Kit
logo
Bel Fuse Inc.
ABC60 BEL-ABC60 Datasheet
756Kb / 5P
Cover Kit Accessory Available
MBC40 BEL-MBC40 Datasheet
781Kb / 5P
Cover Kit Accessory Available
logo
NimbeLink Corp.
NL-S2CK NIMBELINK-NL-S2CK Datasheet
286Kb / 2P
S2C Link Accessory Kit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com