Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC180 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # ABC180
Description  180 Watts with Forced Air Cooling
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC180 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  ABC180 Datasheet HTML 1Page - Bel Fuse Inc. ABC180 Datasheet HTML 2Page - Bel Fuse Inc. ABC180 Datasheet HTML 3Page - Bel Fuse Inc. ABC180 Datasheet HTML 4Page - Bel Fuse Inc. ABC180 Datasheet HTML 5Page - Bel Fuse Inc. ABC180 Datasheet HTML 6Page - Bel Fuse Inc. ABC180 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ABC180 Series
4
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2017 Bel Power Solutions & Protection
BCD.00879_AB
Isolation Voltage
Input to Output: (for ITE applications)
Input to GND:
(Not Applicable for Class II Option*)
3000 VAC
1500 VAC
Safety Standard(s)
Approved to the latest edition of the following
standards: CSA/UL60950-1, EN60950-1 and
IEC60950-1. Class1 SELV
Agency Approvals
Nemko, UL, C-UL
CE mark
Complies with LVD Directive
* Class II Option means without input Earth pin.
AC Input Connector
J1
Pin 1
Pin 2
Pin 3
AC Line
Not Fitted
AC Neutral*
Molex: 26-60-4030
Mating: 09-50-3031; Pins: 08-50-0106
DC Output Connector
J2
Pin 1, 2, 3
Pin 4. 5. 6
V1 +VE
V1 -VE
Option 1 (Screw Terminal):
Molex: 39357 Series or equivalent
Option 2 (Molex Connector): Molex: 26-60-4060
Mating: 09-50-3061; Pins: 08-50-0106
Aux (Fan) Output
J3
Pin 1
Pin 2
FAN +VE
FAN -VE
AMP: 640456-2
Mating: 640440-2
Signal Output7
J4
Pin 1
Pin 2
Pin 3
Vs
PGPF
GDN
AMP :640456-3
Mating: 640440-3
*Fusing on neutral for ITE model is optional.
Power good / AC fail signal specs
Weight
approx. 200 g
Dimensions
101.6 x 50.8 x 19.05 mm (4 x 2 x 0.75 inches)
Cooling8
180 W with 13 CFM forced air cooling (refer to Mechanical Drawing)
Up to 120 W with natural convection cooling (refer to Derating Curve)
7 A TTL signal is available at pin 2 of J4 which goes high 100-500mS after output voltage reaches 90% of set value.
It goes low a minimum of 1 ms before output falls below 90% of the set value, when input AC is switched off.
8 180 W with 13CFM forced air cooling and 120 W with natural convection cooling at 100 to 264 VAC.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com