Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC180 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC180
Description  180 Watts with Forced Air Cooling
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC180 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC180 Datasheet HTML 1Page - Bel Fuse Inc. ABC180 Datasheet HTML 2Page - Bel Fuse Inc. ABC180 Datasheet HTML 3Page - Bel Fuse Inc. ABC180 Datasheet HTML 4Page - Bel Fuse Inc. ABC180 Datasheet HTML 5Page - Bel Fuse Inc. ABC180 Datasheet HTML 6Page - Bel Fuse Inc. ABC180 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The ABC180 Series of ultra low profile open frame power supplies
feature a wide universal AC input range of 80 – 264 VAC, offering up
to 180 W of output power with 13 CFM, or up to 120 W with convection
cooling in a compact footprint, with a variety of isolated single output
voltages.
The high efficiency and high power density of the ABC family ensures
minimal power loss in end-use equipment, thereby facilitating higher
reliability, easier thermal management and meets regulatory approvals
for environmentally-friendly end products.
These power supplies are ideal for broad range of telecom, datacom,
industrial equipment and other applications.
•
4 x 2 x 0.75 Inches Form factor
•
180 Watts with Forced Air Cooling
•
Efficiencies up to 92%
•
-40 to 70°C degree operating temperature
•
12 V / 0.5 A Fan Output, Thermal Shut-Down feature
•
3.37 million Hours, Telcordia -SR332-issue 3 MTBF
•
Standby Power < 0.5W
•
Instrumentation
•
Lighting
•
Industrial Applications
•
Applied Computing
•
Renewable Energy
•
Test and Measurement
•
Robotics
•
Wireless Communication


Similar Part No. - ABC180

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC180-1012L BEL-ABC180-1012L Datasheet
1Mb / 7P
4 x 2 x 0.75 Inches Form factor
ABC180-1012L BEL-ABC180-1012L Datasheet
630Kb / 7P
4 x 2 x 0.75 Inch Form Factor 180 Watts with Forced Air Cooling
ABC180-1015L BEL-ABC180-1015L Datasheet
1Mb / 7P
4 x 2 x 0.75 Inches Form factor
ABC180-1015L BEL-ABC180-1015L Datasheet
630Kb / 7P
4 x 2 x 0.75 Inch Form Factor 180 Watts with Forced Air Cooling
ABC180-1024L BEL-ABC180-1024L Datasheet
1Mb / 7P
4 x 2 x 0.75 Inches Form factor
More results

Similar Description - ABC180

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC120 BEL-ABC120_V01 Datasheet
736Kb / 7P
3 x 2 x 1 Inch Footprint 120 Watts with Forced Air Cooling
ABC180 BEL-ABC180_V01 Datasheet
630Kb / 7P
4 x 2 x 0.75 Inch Form Factor 180 Watts with Forced Air Cooling
ABC201 BEL-ABC201_V01 Datasheet
782Kb / 7P
5 x 3 x 1.5 Inch Form Factor 200 W with Forced Air Cooling
ABC225 BEL-ABC225_V01 Datasheet
600Kb / 7P
225 W with Forced Air Cooling & 130 W with Convection Cooling
ABC350 BEL-ABC350_V01 Datasheet
762Kb / 7P
350 W with Forced Air Cooling & 200 W with Convection Cooling
ABC550 BEL-ABC550_V01 Datasheet
1Mb / 8P
Up to 550 Watts with Forced Air Cooling
ABC800 BEL-ABC800 Datasheet
1Mb / 13P
Convection or Forced Air Cooling
MBC201 BEL-MBC201 Datasheet
736Kb / 7P
200 W with Forced-Air Cooling
MBC225 BEL-MBC225 Datasheet
598Kb / 7P
225 W with Forced Air Cooling
MBC350 BEL-MBC350 Datasheet
552Kb / 6P
350 W with Forced Air Cooling & 200 W with Convection Cooling
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com