Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF6903 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TRF6903
Description  SINGLE CHIP MULTIBAND RF TRANSCEIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF6903 Datasheet(HTML) 1 Page - Texas Instruments

  TRF6903 Datasheet HTML 1Page - Texas Instruments TRF6903 Datasheet HTML 2Page - Texas Instruments TRF6903 Datasheet HTML 3Page - Texas Instruments TRF6903 Datasheet HTML 4Page - Texas Instruments TRF6903 Datasheet HTML 5Page - Texas Instruments TRF6903 Datasheet HTML 6Page - Texas Instruments TRF6903 Datasheet HTML 7Page - Texas Instruments TRF6903 Datasheet HTML 8Page - Texas Instruments TRF6903 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
TRF6903
SINGLECHIP MULTIBAND RF TRANSCEIVER
SWRS022B − MARCH 2004 − REVISED AUGUST 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Single-Chip RF Transceiver for 315-MHz,
433-MHz, 868-MHz, and 915-MHz Industrial,
Scientific, and Medical (ISM) Bands
D 2.2-V to 3.6-V Operation
D Low Power Consumption
D FSK/OOK Operation
D Integer-N Synthesizer With Fully Integrated
Voltage Controlled Oscillator (VCO)
D On-Chip Reference Oscillator and
Phase-Locked Loop (PLL)
D Power Amplifier With 8-dBm Typical Output
Power
D Programmable Brownout Detector
D Clock Recovery With Integrated Data Bit
Synchronizer and Baud Rate Selection
D Linear Receive Strength Signal Indicator
(RSSI)
D Flexible 3-Wire Serial Interface
D Minimal Number of External Components
Required
D 48-Pin Low-Profile Plastic Quad Flat
Package (PQFP)
D Programmable XTAL Trimming
D Lock Detect Indicator
D Programmable Training Sequence
Recognition
D Pin Compatible to the TRF6901
14 15
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
13
PQFP PACKAGE
(TOP VIEW)
LNA_IN1
LNA_IN2
LNA_VCC
PA_OUT
PA_GND1
PA_VCC
PA_GND2
VCO_GND1
VCO_VCC
VCO_VCC2
VCO_BYPASS
VCO_GND2
LPF_OUT
CER_DIS
SLC_CAP
RX_DATA
TX_DATA
XTAL_SW
XTAL
XTAL_VCC
DGND
DCLK
STDBY
NC
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the gates.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TRF6903

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6903 TI1-TRF6903 Datasheet
726Kb / 39P
SINGLE-CHIP MULTIBAND RF TRANSCEIVER
TRF6903PT TI1-TRF6903PT Datasheet
726Kb / 39P
SINGLE-CHIP MULTIBAND RF TRANSCEIVER
TRF6903PTG4 TI1-TRF6903PTG4 Datasheet
726Kb / 39P
SINGLE-CHIP MULTIBAND RF TRANSCEIVER
TRF6903PTR TI1-TRF6903PTR Datasheet
726Kb / 39P
SINGLE-CHIP MULTIBAND RF TRANSCEIVER
TRF6903PTRG4 TI1-TRF6903PTRG4 Datasheet
726Kb / 39P
SINGLE-CHIP MULTIBAND RF TRANSCEIVER
More results

Similar Description - TRF6903

ManufacturerPart #DatasheetDescription
logo
Agere Systems
W3020 AGERE-W3020 Datasheet
409Kb / 44P
GSM Multiband RF Transceiver
December 1999
logo
Texas Instruments
TRF6900 TI-TRF6900 Datasheet
485Kb / 34P
SINGLE-CHIP RF TRANSCEIVER
TRF6901 TI-TRF6901 Datasheet
439Kb / 29P
SINGLE-CHIP RF TRANSCEIVER
TRF5901 TI-TRF5901 Datasheet
421Kb / 30P
SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI-TRF6900A Datasheet
513Kb / 35P
SINGLE-CHIP RF TRANSCEIVER
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
SINGLE-CHIP MULTIBAND RF TRANSMITTER
logo
Analog Devices
ADF4602 AD-ADF4602 Datasheet
725Kb / 36P
Single-Chip, Multiband 3G Femtocell Transceiver
REV. 0
logo
Texas Instruments
TRF6903 TI1-TRF6903_08 Datasheet
726Kb / 39P
SINGLE-CHIP MULTIBAND RF TRANSCEIVER
TRF6900A TI1-TRF6900A_08 Datasheet
511Kb / 34P
SINGLE- CHIP RF TRANSCEIVER
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
SINGLE-CHIP MULTIBAND RF TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com