Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF6903 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TRF6903
Description  SINGLE CHIP MULTIBAND RF TRANSCEIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF6903 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TRF6903 Datasheet HTML 17Page - Texas Instruments TRF6903 Datasheet HTML 18Page - Texas Instruments TRF6903 Datasheet HTML 19Page - Texas Instruments TRF6903 Datasheet HTML 20Page - Texas Instruments TRF6903 Datasheet HTML 21Page - Texas Instruments TRF6903 Datasheet HTML 22Page - Texas Instruments TRF6903 Datasheet HTML 23Page - Texas Instruments TRF6903 Datasheet HTML 24Page - Texas Instruments TRF6903 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
TRF6903
SINGLECHIP MULTIBAND RF TRANSCEIVER
SWRS022B − MARCH 2004 − REVISED AUGUST 2004
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
phase detector and charge pumps
The phase detector is a phase-frequency design. The phase-frequency detector gain is given by:
KP = I(CP)/2π
where, I(CP) is the peak charge pump current. The peak charge pump current is programmable with A<3:2> in
three steps: 250
µA, 500 µA, and 1000 µA.
loop filter
The loop filter must be carefully chosen for proper operation of the TRF6903. The loop filter as shown in Figure 9
is typically a second- or third-order passive design and in FSK operation should have a bandwidth wide enough
to allow the PLL to relock quickly as the external crystal frequency is pulled off-center during modulation. The
loop filter should also be wider than the data modulation rate. These requirements should be balanced with
making the loop narrow enough in consideration of the reference frequency. In OOK the VCO frequency is not
changed during data modulation, so the filter bandwidth may be narrower than the modulation bandwidth. Filters
can be calculated using standard formulas in reference literature. Some third-order filter examples are shown
in Table 4.
F(s)
+
1
) sC2R2
s(C1
) C2 ) sC1C2R2)
1
C3R3
s
) 1
C3R3
C1
lcp
C2
R2
C3
Vtune
R3
External-Loop Filter
15
13
VCO_VCC
VCO_TUNE
CP_OUT
Figure 9. Third-Order Loop Filter and Transfer Function
Table 4. Loop Filter Component Values For Various Data Rates at a Reference Frequency of 409.6 kHz,
0.5-mA Charge Pump Current
Bit rate − kbps
Manchester coding
1.024
2.048
4.096
8.192
16.384
19.2
32.768
65.536
Bit rate − kbps
NRZ coding
2.048
4.096
8.192
16.384
32.768
38.4
65.536
131.072
Data rate − kHz
Fundamental freq of BB
1.024
2.048
4.096
8.192
16.384
19.2
32.768
65.536
C1, nF
47
12
2.7
0.68
0.18
0.12
0.043
0.01
Loop filter component
C2, nF
1800
430
100
27
6.8
5.1
1.8
0.47
Loop filter component
(selected to nearest
standard value)
C3, nF
27
6.8
1.5
0.39
0.1
0.075
0.027
0.0068
(selected to nearest
standard value)
R2, k
Ω
0.39
0.75
1.5
3
5.7
6.8
12
24
R3, k
Ω
0.75
1.5
3
5.7
12
15
22
47
−3−dB bandwidth, kHz (approximate)
1.28
2.56
5.12
10.24
20.48
24
40.96
81.92
VCO
The voltage-controlled oscillator (VCO) produces an RF output signal with a frequency that is dependent upon
the dc-tuning voltage at terminal 13. The tank circuit is passive and has integrated varactor diodes and
inductors. The open-loop VCO gain is approximately 100 MHz/V.
A <1:0> is used to set the output divider ratio for operation within the 315-MHz, 433-MHz, 868-MHz, or 915-MHz
bands.
When the STDBY terminal is high, the reference, PLL, VCO, and dividers are powered up. When STDBY is low,
these blocks are powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com