Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBR360D Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # HBR360D
Description  SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

HBR360D Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  HBR360D Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR360D Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR360D Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR360D Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR360D Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R
版本
(Rev.):201210A
1/5
肖特基势垒二极管
SCHOTTKY BARRIER DIODE
HBR360
主要参数
MAIN
CHARACTERISTICS
IF(AV)
3A
VRRM
60 V
Tj
175 ℃
VF(max)
0.68V (@Tj=125℃)
APPLICATIONS
Low voltage, high
frequency rectifier
Free wheeling diodes,
polarity protection
applications
用途
低压、高频整流
低压续流电路和保护电
路
封装 Package
DO-201AD( DO-27)
FEATURES
Axial Lead Rectifier
Low power loss, high efficiency
High Operating Junction
Temperature
Guard ring for overvoltage
protection,High reliability
RoHS product
产品特性
轴向结构
低功耗,高效率
良好的高温特性
有过压保护环,高可靠性
环保(
RoHS)产品
订货信息 ORDER MESSAGE
订 货 型 号
Order codes
印
记
Marking
封
装
Package
无卤素
Halogen Free
包
装
Packaging
器件重量
Device Weight
HBR360D
HBR360
DO-201AD
否
NO
编带
Tape
1.1g(approx.)
HBR360DR
HBR360
DO-201AD
是
YES
编带
Tape
1.1g(approx.)


Similar Part No. - HBR360D

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
HBR30100 JSMC-HBR30100 Datasheet
406Kb / 8P
SCHOTTKY BARRIER DIODE
logo
Inchange Semiconductor ...
HBR30100 ISC-HBR30100 Datasheet
219Kb / 2P
Schottky Barrier Rectifier
logo
JILIN SINO-MICROELECTRO...
HBR30100A JSMC-HBR30100A Datasheet
395Kb / 7P
SCHOTTKY BARRIER DIODE
HBR30100AAB JSMC-HBR30100AAB Datasheet
395Kb / 7P
SCHOTTKY BARRIER DIODE
HBR30100AABR JSMC-HBR30100AABR Datasheet
395Kb / 7P
SCHOTTKY BARRIER DIODE
More results

Similar Description - HBR360D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com