Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP724AHT Datasheet(PDF) 3 Page - Littelfuse

Part # SP724AHT
Description  TVS Diode Arrays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP724AHT Datasheet(HTML) 3 Page - Littelfuse

  SP724AHT Datasheet HTML 1Page - Littelfuse SP724AHT Datasheet HTML 2Page - Littelfuse SP724AHT Datasheet HTML 3Page - Littelfuse SP724AHT Datasheet HTML 4Page - Littelfuse SP724AHT Datasheet HTML 5Page - Littelfuse SP724AHT Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
248
www .littelfuse .com
TVS Diode Arrays
SCR Diode Array for ESD and Transient Overvoltage Protection
SP724
FIGURE 2. LOW CURRENT SCR FORWARD VOLTAGE DROP
CURVE
FIGURE 3. HIGH CURRENT SCR FORWARDVOLTAGE DROP
CURVE
600
800
1000
1200
FORWARD SCR VOLTAGE DROP (mV)
200
160
120
80
40
0
TA = 25
oC
SINGLE PULSE
5
4
3
2
1
0
TA = 25
oC
SINGLE PULSE
01
2
3
FORWARD SCR VOLTAGE DROP (V)
EQUIV. SAT. ON
THRESHOLD ~ 1.1V
+VCC
INPUT
DRIVERS
SP724 INPUT PROTECTION CIRCUIT (1 OF 4 SHOWN)
OR
SIGNAL
SOURCES
IN 1, 3, 4 AND 6
SP724
V-
TO +VCC
LINEAR OR
DIGITAL IC
INTERFACE
V+
+VCC
0.01µF
FIGURE 4. TYPICAL APPLICATION OF THE SP724 AS AN INPUT CLAMP FOR OVER-VOLTAGE, GREATER THAN 1VBE ABOVE V+ OR
LESS THAN -1V BE BELOW V-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com