Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP724AHT Datasheet(PDF) 1 Page - Littelfuse

Part # SP724AHT
Description  TVS Diode Arrays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP724AHT Datasheet(HTML) 1 Page - Littelfuse

  SP724AHT Datasheet HTML 1Page - Littelfuse SP724AHT Datasheet HTML 2Page - Littelfuse SP724AHT Datasheet HTML 3Page - Littelfuse SP724AHT Datasheet HTML 4Page - Littelfuse SP724AHT Datasheet HTML 5Page - Littelfuse SP724AHT Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
246
www .littelfuse .com
TVS Diode Arrays
SCR Diode Array for ESD and Transient Overvoltage Protection
SP724
The SP724 is a quad array of transient voltage clamping circuits designed
to suppress ESD and other transient over-voltage events. The SP724 is
used to help protect sensitive digital or analog input circuits on data,
signal, or control lines operating on power supplies up to 20VDC.
The SP724 is comprised of bipolar SCR/diode structures to protect up
to four independent lines by clamping transients of either polarity to the
power supply rails. The SP724 offers very low leakage (1nA Typical) and
low input capacitance (3pF Typical). Additionally, the SP724 is rated to
withstand the IEC 61000-4-2 ESD specification for both contact and air
discharge methods to level 4.
The SP724 is connected to the sensitive input line and its associated
power supply lines. Clamping action occurs during the transient pulse,
turning on the diode and fast triggering SCR structures when the voltage
on the input line exceeds one VBE threshold above the V+ supply (or
one VBE threshold below the V- supply). Therefore, the SP724 operation
is unaffected by poor power supply regulation or voltage fluctuations
within its operating range.
Features
• An Array of 4 SCR/Diode Pairs in 6-Lead SOT-23
• ESD Capability per HBM Standards
- IEC 61000-4-2, Direct Discharge . . . . . . . . . . . . . . . . . 8kV (Level 4)
- IEC 61000-4-2, Air Discharge . . . . . . . . . . . . . . . . . . 15kV (Level 4)
- MIL STD 3015.7 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >8kV
• Input Protection for Applications with Power Supplies Up to +20V
(Single-Ended Voltage), and ±10V (Differential Voltage)
• Peak Current Capability
• IEC 61000-4-5 (8/20µs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±3A
• Single Pulse, 100µs Pulse Width . . . . . . . . . . . . . . . . . . . . . . . ±2.2A
• Low Input Leakage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1nA Typical
• Low Input Capacitance. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3pF Typical
• Operating Temperature Range . . . . . . . . . . . . . . . . . . . . -40oC to 105oC
Applications
• Microprocessor/Logic Input Protection
• Data Bus Protection
• Analog Device Input Protection
• Voltage Clamp
Functional Block Diagram
Ordering Information
Pinout
PART
Min. Order
Qty.
NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG. NO.
P6.064
3000
SP724AHT
-40 to 105
Tape and Reel
12
3
654
SP724
(SOT-23)
TOP VIEW
NOTES:
1. The design of the SP724 SCR/Diode ESD Protection Arrays is
covered by Littelfuse patent 4567500.
2. The full ESD capability of the SP724 is achieved when wired in a
circuit that includes connection to both the V+ and V- pins. When
handling individual devices, follow proper procedures for
electrostatic discharge.
2
V+
V-
IN
3, 4 AND 6
IN
1
5


Similar Part No. - SP724AHT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP724AHT LITTELFUSE-SP724AHT Datasheet
154Kb / 6P
TVS Diode Arrays - SCR Diode Array for ESD and Transient Overvoltage Protection
SP724AHTG LITTELFUSE-SP724AHTG Datasheet
706Kb / 6P
TVS Diode Arrays (SPA짰 Diodes) General Purpose ESD Protection - SP724 Series
SP724AHTP LITTELFUSE-SP724AHTP Datasheet
586Kb / 6P
SCR Diode Array for ESD and Transient Overvoltage Protection
More results

Similar Description - SP724AHT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0502BAHT LITTELFUSE-SP0502BAHT Datasheet
125Kb / 8P
TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
SP3050 LITTELFUSE-SP3050_11 Datasheet
273Kb / 4P
TVS Diode Arrays
SP0504S LITTELFUSE-SP0504S Datasheet
1Mb / 4P
TVS Diode Arrays
SP0524P LITTELFUSE-SP0524P Datasheet
1Mb / 4P
TVS Diode Arrays
logo
Bourns Electronic Solut...
CDNBS08-SMDA05-6 BOURNS-CDNBS08-SMDA05-6 Datasheet
289Kb / 4P
Capacitance TVS Diode Arrays
CDSOT236-T05C BOURNS-CDSOT236-T05C_12 Datasheet
296Kb / 4P
TVS Diode Arrays
logo
Littelfuse
SP406017 LITTELFUSE-SP406017 Datasheet
940Kb / 4P
TVS Diode Arrays (SPA짰 Diodes)
SP720 LITTELFUSE-SP720 Datasheet
169Kb / 6P
TVS Diode Arrays
SP723 LITTELFUSE-SP723 Datasheet
260Kb / 6P
TVS Diode Arrays
SP5001 LITTELFUSE-SP5001 Datasheet
639Kb / 5P
TVS Diode Arrays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com