Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7152 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7152
Description  12-Bit Capacitance-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7152 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7152 Datasheet HTML 9Page - Analog Devices AD7152 Datasheet HTML 10Page - Analog Devices AD7152 Datasheet HTML 11Page - Analog Devices AD7152 Datasheet HTML 12Page - Analog Devices AD7152 Datasheet HTML 13Page - Analog Devices AD7152 Datasheet HTML 14Page - Analog Devices AD7152 Datasheet HTML 15Page - Analog Devices AD7152 Datasheet HTML 16Page - Analog Devices AD7152 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD7152/AD7153
Rev. A | Page 13 of 24
REGISTER MAP
The master can write to or read from all of the registers except
the address pointer register, which is a write-only register. The
address pointer register determines which register the next read
or write operation accesses. All communications with the device
through the bus start with an access to the address pointer
register. After the device has been accessed over the bus and a
read/write operation is selected, the address pointer register is
set up. The address pointer register determines from or to which
register the operation takes place. A read/write operation is
performed from/to the target address, which then increments to
the next address until a stop command on the bus is performed.
Table 6. Register Summary
Register Name
Subaddress
Access
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
Dec
Hex
Status
0
0x00
R
PWDN
Unused
Unused
Unused
Unused
C1C2
RDY2
RDY1
0x03
Channel 1 Data MSB
1
0x01
R
Channel 1 data, high byte
0x00
Channel 1 Data LSB
2
0x02
R
Channel 1 data, low byte
0x00
Channel 2 Data MSB1
3
0x03
R
Channel 2 data, high byte
0x00
Channel 2 Data LSB
4
0x04
R
Channel 2 data, low byte
0x00
Channel 1 Offset MSB
5
0x05
R/W
Channel 1 offset calibration coefficient, high byte
0x80
Channel 1 Offset LSB
6
0x06
R/W
Channel 1 offset calibration coefficient, low byte
0x00
Channel 2 Offset MSB1
7
0x07
R/W
Channel 2 offset calibration coefficient, high byte
0x80
Channel 2 Offset LSB1
8
0x08
R/W
Channel 2 offset calibration coefficient, low byte
0x00
Channel 1 Gain MSB
9
0x09
R/W
Channel 1 gain coefficient, high byte, factory calibrated
0xXX
Channel 1 Gain LSB
10
0x0A
R/W
Channel 1 gain coefficient, low byte, factory calibrated
0xXX
Channel 1 Setup
11
0x0B
R/W
Range 1
Range 0
CAPDIFF
Unused
Unused
0x00
Channel 2 Gain MSB1
12
0x0C
R/W
Channel 2 gain coefficient, high byte, factory calibrated
0xXX
Channel 2 Gain LSB1
13
0x0D
R/W
Channel 2 gain coefficient, low byte, factory calibrated
0xXX
Channel 2 Setup1
14
0x0E
R/W
Range 1
Range 0
CAPDIFF
Unused
Unused
0x00
Configuration
15
0x0F
R/W
Unused
Unused
Unused
Ch1en
Ch2en
MD2
MD1
MD0
0x00
Reserved
16
0x10
R/W
Unused
0x00
CAPDAC POS
17
0x11
R/W
DACPen
Unused
Unused
DACP Bits[4:0] value
0x00
CAPDAC NEG
18
0x12
R/W
DACNen
Unused
Unused
DACN Bits[4:0] value
0x00
Configuration2
26
0x1A
R/W
Unused
Unused
OSR1
OSR0
Unused
Unused
Unused
Unused
0x00
1
AD7152 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com