Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7152 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7152
Description  12-Bit Capacitance-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7152 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7152 Datasheet HTML 16Page - Analog Devices AD7152 Datasheet HTML 17Page - Analog Devices AD7152 Datasheet HTML 18Page - Analog Devices AD7152 Datasheet HTML 19Page - Analog Devices AD7152 Datasheet HTML 20Page - Analog Devices AD7152 Datasheet HTML 21Page - Analog Devices AD7152 Datasheet HTML 22Page - Analog Devices AD7152 Datasheet HTML 23Page - Analog Devices AD7152 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
AD7152/AD7153
Rev. A | Page 21 of 24
PARASITIC PARALLEL RESISTANCE
DATA
CDC
EXC
CIN
RP
CX
Figure 37. Parasitic Parallel Resistance
The CDC measures the charge transfer between the EXC pin
and CIN pin. Any resistance connected in parallel to the meas-
ured capacitance CX (see Figure 37), such as the parasitic
resistance of the sensor, also transfers charge. Therefore, the
parallel resistor is seen as an additional capacitance in the
output data causing a capacitive input error (see Figure 15).
PARASITIC SERIAL RESISTANCE
DATA
CDC
EXC
RS1
CIN
RS2
CX
Figure 38. Parasitic Serial Resistance
The CDC result is affected by a resistance in series with the
measured capacitance. The total serial resistance, which refers
to RS1 and RS2 in Figure 38, should be less than 20 kΩ for the
specified performance (see Figure 16).
INPUT EMC PROTECTION
CDC
GND
CIN
EXC
C2
C3
CX
R3
R2
R1
C1
Figure 39. AD7152/AD7153 EMC Protection
Some applications may require an additional input filter for
improving electromagnetic compatibility (EMC). Any input
filter must be carefully designed, considering the balance between
the system capacitance performance and system electromagnetic
immunity.
Figure 39 shows one of the possible input circuit configurations
significantly improving the system immunity against high fre-
quency noise and slightly affecting the AD7152 performance in
terms of additional gain and offset error.
POWER SUPPLY DECOUPLING AND FILTERING
CDC
GND
SDA
SCL
0.1µF
10µF
1kΩ
VDD
1kΩ
1kΩ
Figure 40. AD7152/AD7153 VDD Decoupling and Filtering
The AD7152 has good dc and low frequency power supply
rejection but may be sensitive to higher frequency ripple and
noise, specifically around the excitation frequency and its
harmonics. Figure 40 shows a possible circuit configuration
for improving the system immunity against ripple and noise
coupled to the AD7152 via the power supply.
Because the serial interface is connected to the other circuits in
the system, it is better to connect the pull-up resistors on the
other side of the VDD filter than to connect to the AD7152.
CAPACITIVE GAIN CALIBRATION
The gain of the AD7152/AD7153 is factory calibrated for the full
scale of 4 pF in the production for each device individually. The
factory gain coefficient is stored in a one-time programmable
(OTP) memory and is copied to the capacitive gain registers at
power-up or after reset.
The gain can be changed by executing a capacitance gain
calibration mode, for which an external full-scale capacitance
needs to be connected to the capacitance input, or by writing a
user value to the capacitive gain register. This change is tempo-
rary and the factory gain coefficient can be reloaded after
power-up or reset. The device is tested and specified only for
use with the default factory calibration coefficient.
CAPACITIVE SYSTEM OFFSET CALIBRATION
The capacitive offset is dominated by the parasitic offset in the
application, such as the initial capacitance of the sensor, any
parasitic capacitance of tracks on the board, and the capacitance
of any other connections between the sensor and the CDC.
Therefore, the AD7152/AD7153 are not factory calibrated for
capacitive offset. The user should calibrate the system capacitance
offset in the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com