Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7877 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7877 Datasheet HTML 9Page - Analog Devices AD7877 Datasheet HTML 10Page - Analog Devices AD7877 Datasheet HTML 11Page - Analog Devices AD7877 Datasheet HTML 12Page - Analog Devices AD7877 Datasheet HTML 13Page - Analog Devices AD7877 Datasheet HTML 14Page - Analog Devices AD7877 Datasheet HTML 15Page - Analog Devices AD7877 Datasheet HTML 16Page - Analog Devices AD7877 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
AD7877
Data Sheet
Rev. E | Page 12 of 45
CH1 200mV CH2 100mV
M2.00
s
CH1
780mV
1
: 144mV
@: 1.296V
VDD = 3V
TEMPERATURE = 25
C
Figure 24. DAC Output Settling Time (Zero Scale to Half Scale)
600
500
400
300
200
100
0
0
25
50
75
100
125
150
175
200
225
250
INPUT CODE (Decimal)
DAC SINK CURRENT
NOTE: MAXIMUM DAC SINK CURRENT IS
SET ACCORDING TO THE EQUATION:
IMAX = VCC /(RRNG × 6)
Figure 25. DAC Sink Current vs. Input Code with RRNG = 1 kΩ
–2
–1
0
1
2
ERROR (%)
Figure 26. Typical Accuracy for Battery Channel (25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com