Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7877 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7877 Datasheet HTML 17Page - Analog Devices AD7877 Datasheet HTML 18Page - Analog Devices AD7877 Datasheet HTML 19Page - Analog Devices AD7877 Datasheet HTML 20Page - Analog Devices AD7877 Datasheet HTML 21Page - Analog Devices AD7877 Datasheet HTML 22Page - Analog Devices AD7877 Datasheet HTML 23Page - Analog Devices AD7877 Datasheet HTML 24Page - Analog Devices AD7877 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
AD7877
Data Sheet
CONTROL REGISTERS
Control Register 1 contains the ADC channel address, the
SER/DFR bit (to choose single or differential methods of touch
screen measurement), the register read address, and the ADC
mode bits. Control Register 1 should always be the last register
to be programmed prior to starting conversions. Its power-on
default value is 0x00. To change any parameter after conversion
has begun, the part should first be put into Mode 00, the
changes made, and then Control Register 1 reprogrammed,
ensuring that it is always the last register to be programmed
before conversions begin.
SER/
DFR
CHNL
ADD
3
CHNL
ADD
2
CHNL
ADD
1
CHNL
ADD
0
RD
ADD
4
RD
ADD
3
RD
ADD
2
RD
ADD
1
RD
ADD
0
ADC
MODE
1
ADC
MODE
0
11
0
Figure 35. Control Register 1
Control Register 2 sets the timer, reference, polarity, first
conversion delay, averaging, and acquisition time. Its power-on
default value is 0x00. See the Detailed Register Descriptions
section for more information on the control registers.
AVG
1
AVG
0
ACQ
1
ACQ
0
PM
1
PM
0
FCD
1
FCD
0
POL
REF
TMR
1
TMR
0
11
0
Figure 36. Control Register 2
CONTROL REGISTER 1
ADC Mode (Control Register 1, Bits[1:0])
These bits select the operating mode of the ADC. The AD7877
has three operating modes. These are selected by writing to the
mode bits in Control Register 1. If the mode bits are 00, no
conversion is performed.
Table 5. Control Registera 1 Mode Selection
MODE1
MODE0
Function
0
0
Do not convert (default)
0
1
Single-channel conversion, AD7877 in
slave mode
1
0
Sequence 0, AD7877 in slave mode
1
1
Sequence 1, AD7877 in master mode
If the mode bits are 01, a single conversion is performed on the
channel selected by writing to the channel bits of Control
Register 1 (Bit 7 to Bit 10). At the end of the conversion, if the
TMR bits in Control Register 2 are set to 00, the mode bits
revert to 00 and the ADC returns to no convert mode until a
new conversion is initiated by the host. Setting the TMR bits to
a value other than 00 causes the conversion to be repeated, as
described in the Timer (Control Register 2, Bits[1:0]) section.
The flowchart in Figure 38 shows how the AD7877 operates in
Mode 01.
The AD7877 can also be programmed to convert a sequence of
selected channels automatically. The two modes for this type of
conversion are slave mode and master mode.
For slave mode operation, the channels to be digitized are
selected by setting the corresponding bits in Sequencer
Register 0. Conversion is initiated by writing 10b to the mode
bits of Control Register 1. The ADC then digitizes the selected
channels and stores the results in the corresponding results
registers. At the end of the conversion, if the TMR bits in
Control Register 2 are set to 00, the mode bits revert to 00 and
the ADC returns to no convert mode until a new conversion is
initiated by the host. Setting the TMR bits to a code other than
00 causes the conversion sequence to be repeated. The
flowchart in Figure 39 shows how the AD7877 operates in
Mode 10.
For master mode operation, the channels to be digitized are
written to Sequencer Register 1. Master mode is then selected
by writing 11 to the mode bits in Control Register 1. In this
mode, the wake-up on touch feature is active, so conversion
does not begin immediately. The AD7877 waits until the screen
is touched before beginning the sequence of conversions. The
ADC then digitizes the selected channels, and the results are
written to the results registers. The AD7877 waits for the screen
to be touched again, or for a timer event if the screen remains
touched, before beginning another sequence of conversions.
The flowchart in Figure 40 shows how the AD7877 operates in
Mode 11.
ADC Channel (Control Register 1, Bits[10:7])
The ADC channel is selected by Bits [10:7] of Control Register 1
(CHADD3 to CHADD0). In addition, the SER/DFR bit, Bit 11,
selects between single-ended and differential conversion. A
complete list of channel addresses is given in Table 6.
For Mode 0 (single-channel) conversion, the channel is selected
by writing the appropriate CHADD3 to CHADD0 code to
Control Register 1.
For sequential channel conversion, channels to be converted are
selected by setting bits corresponding to the channel number in
Sequencer Register 1 for slave mode sequencing or Sequencer
Register 2 for master mode sequencing.
For both single-channel and sequential conversion, normal
(single-ended) conversion is selected by clearing the SER/DFR
bit in Control Register 1. Ratiometric (differential) conversion
is selected by setting the SER/DFR bit.
Rev. E | Page 20 of 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com