Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6552 Datasheet(PDF) 10 Page - STMicroelectronics

Part # VS6552
Description  VGA Color CMOS Image Sensor Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6552 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VS6552 Datasheet HTML 6Page - STMicroelectronics VS6552 Datasheet HTML 7Page - STMicroelectronics VS6552 Datasheet HTML 8Page - STMicroelectronics VS6552 Datasheet HTML 9Page - STMicroelectronics VS6552 Datasheet HTML 10Page - STMicroelectronics VS6552 Datasheet HTML 11Page - STMicroelectronics VS6552 Datasheet HTML 12Page - STMicroelectronics VS6552 Datasheet HTML 13Page - STMicroelectronics VS6552 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
VS6552
10/26
4.1 DC Electrical Characteristics
Note: Typical values quoted for nominal voltage and temperature. Maximum values quoted for worse case operating conditions unless oth-
erwise specified.
Table 8. Power Supply VDIG, VANA
Table 9. System Clock
Table 10. I2C Interface - MSDA, MSCL
4.2 AC Electrical Characteristics
Table 11. System Clock
Parameter
Typ.
Max.
Typ.
Max.
Unit
Digital
Analogue
Standby
1
5
NMa
a.Not Measurable - current is below the minimum calibrated measurement capabilities of the test system (1
µA)
<2
µA
Video, 30fps
15
20
9
15
mA
Symbol
Parameter
Min.
Typ.
Max.
Unit
Leakage current
8a
a.With DC coupled square wave clock
29b
b.With DC 1V9 signal level applied
µA
Symbol
Parameter description
Min.
Typ.
Max.
Unit
VIL
Low level input voltage
-
0.3 VDIG
V
VIH
High level input voltage
0.7 VDIGa
a.For positive electrostatic discharges above 500 V, a shift of VIH may happen. However, the device remains fully functional even
for a stress up to 2000 V included, and VIH<0.9 VDIG. Refer to the STV0974 datasheet for recommendations on MSCL/MSDA us-
age.
-V
VOL
Low level output voltageb,c
b.VOH not valid for CCI
c.1 mA drive strength
-
0.2 VDIG
V
IIL
Low level input current
-
-10
µA
IIH
High level input current
-
10
µA
f
Operating frequency range
0
-
400d
d.For external clock frequencies <19.2MHz Max limit is 200KHz
kHz
Symbol
Parameter description
Min.
Typ.
Max.
Unit
VCL
DC coupled square wave (low level)
-
0.3 VDIG
V
VCH
DC coupled square wave (high level)
0.7 VDIG
V
VCAC
AC coupled sine wave
a
0.5
1.0
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com