Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6552 Datasheet(PDF) 11 Page - STMicroelectronics

Part # VS6552
Description  VGA Color CMOS Image Sensor Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6552 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VS6552 Datasheet HTML 7Page - STMicroelectronics VS6552 Datasheet HTML 8Page - STMicroelectronics VS6552 Datasheet HTML 9Page - STMicroelectronics VS6552 Datasheet HTML 10Page - STMicroelectronics VS6552 Datasheet HTML 11Page - STMicroelectronics VS6552 Datasheet HTML 12Page - STMicroelectronics VS6552 Datasheet HTML 13Page - STMicroelectronics VS6552 Datasheet HTML 14Page - STMicroelectronics VS6552 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11/26
VS6552
Table 12. Timing Characteristics
Figure 4. CCI AC characteristics
Note: The VS6552 maximum I2C frequency of 400 kHz is only valid for external clock frequencies at or above 19.2 MHz. Due to a design
issue, for external clock frequencies below 19.2MHz, the maximum guaranteed I2C frequency is limited to 200 kHz.
fCLK
Clock frequency input
a
6.5 - 1%a
-
26 + 1%b
MHz
a.Nominal frequencies are 6.5 to 26MHz with a 1% center frequency tolerance
Symbol
Parameter description
Min.
Typ.
Max.
Unit
Symbol
Parameter description
Min.
Max.
Unit
tMSCL
MSCL clock frequency
0
400
kHz
tLOW
Clock pulse width low
1.3
µs
tHIGH
Clock pulse width high
0.6
µs
tSP
Pulse width of spikes which are suppressed
by the input filter
050
ns
tBUF
Bus free time between transmissions
1.3
µs
tHD.STA
Start hold time
0.6
µs
tSU.STA
Start set-up time
0.6
µs
tHD.DAT
Data in hold time
0
0.9
µs
tSU.DAT
Data in set-up time
100
ns
tR
MSCL/MSDA rise time
20+0.1Cb
a
300
ns
tF
MSCL/MSDA fall time
20+0.1 Cb
300
ns
tSU.STO
Stop set-up time
0.6
µs
Ci/o
Input / Output capacitance (MSDA)
8
pF
Cin
Input capacitance (MSCL)
6
pF
a.Cb = total capacitance on the lines
MSDA
MSCL
tHD.STA
tR
tHIGH
tF
tSU.DAT
tHD.DAT
tSU.STA
tSU.STO
...
...
tHD.STA
tLOW
tBUF
stop
start
stop
start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com