Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWCBLPM1.S1 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # CWCBLPM1.S1
Description  Camera Flash and Video Light
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CWCBLPM1.S1 Datasheet(HTML) 1 Page - OSRAM GmbH

  CWCBLPM1.S1 Datasheet HTML 1Page - OSRAM GmbH CWCBLPM1.S1 Datasheet HTML 2Page - OSRAM GmbH CWCBLPM1.S1 Datasheet HTML 3Page - OSRAM GmbH CWCBLPM1.S1 Datasheet HTML 4Page - OSRAM GmbH CWCBLPM1.S1 Datasheet HTML 5Page - OSRAM GmbH CWCBLPM1.S1 Datasheet HTML 6Page - OSRAM GmbH CWCBLPM1.S1 Datasheet HTML 7Page - OSRAM GmbH CWCBLPM1.S1 Datasheet HTML 8Page - OSRAM GmbH CWCBLPM1.S1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2016-01-25
1
2016-01-25
CERAMOS Gen 4.H
Datasheet
Version 1.5
CW CBLPM1.S1
Highly efficient lightsource, slim package design
Hocheffiziente Lichtquelle, niedrige Bauteilhöhe
Features:
Besondere Merkmale:
•
Package: SMD ceramic package with diffused
silicone resin
•
Gehäusetyp: SMD Keramik Gehäuse mit diffusem
Silikonverguss
•
Technology: ThinGaN (UX:3)
•
Technologie: ThinGaN (UX:3)
•
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
•
Color: Cx = 0.33, Cy = 0.34 acc. to CIE 1931
(white); CTR = 5500 K
•
Farbe: Cx = 0.33, Cy = 0.34 nach CIE 1931 (weiß);
CTR = 5500 K
•
ESD - withstand voltage: 2 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 2); 8 kV
acc. to IEC 61000-4-2, level 4 (contact discharge)
•
ESD - Festigkeit: 2 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 2); 8 kV nach IEC 61000-4-2,
level 4 (Kontaktentladung)
Applications
Anwendungen
•
Camera Flash and Video Light
•
Blitzlicht für Kameras/ Videoleuchte
•
Torch Light
•
Taschenlampe


Similar Part No. - CWCBLPM1.S1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
CWCBLPM1.S1-MZNY-CE OSRAM-CWCBLPM1.S1-MZNY-CE Datasheet
1Mb / 24P
SMD ceramic package with diffused
CWCBLPM1.S1-MZNY-HL OSRAM-CWCBLPM1.S1-MZNY-HL Datasheet
1Mb / 24P
SMD ceramic package with diffused
More results

Similar Description - CWCBLPM1.S1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK444 SANYO-2SK444 Datasheet
77Kb / 3P
Video Camera Applications
logo
List of Unclassifed Man...
AN2210S ETC-AN2210S Datasheet
307Kb / 5P
Video Camera Video Output Circuit
logo
Texas Instruments
TPS61310 TI-TPS61310 Datasheet
1Mb / 51P
1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310_12 Datasheet
2Mb / 57P
1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
logo
OSRAM GmbH
LTCN5M-GAHB-25-1 OSRAM-LTCN5M-GAHB-25-1 Datasheet
1Mb / 21P
Camera Flash and Video Light
LYCN5M-FAGB-36-3B5A OSRAM-LYCN5M-FAGB-36-3B5A Datasheet
3Mb / 21P
Camera Flash and Video Light
CWCBLPM1.W1 OSRAM-CWCBLPM1.W1 Datasheet
865Kb / 23P
Camera Flash and Video Light
CWCBLPM1.E1 OSRAM-CWCBLPM1.E1 Datasheet
801Kb / 23P
Camera Flash and Video Light
CWVHLPD2.EN OSRAM-CWVHLPD2.EN Datasheet
801Kb / 21P
Camera Flash and Video Light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com