Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWCBLPM1.S1 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # CWCBLPM1.S1
Description  Camera Flash and Video Light
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CWCBLPM1.S1 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button CWCBLPM1.S1 Datasheet HTML 2Page - OSRAM GmbH CWCBLPM1.S1 Datasheet HTML 3Page - OSRAM GmbH CWCBLPM1.S1 Datasheet HTML 4Page - OSRAM GmbH CWCBLPM1.S1 Datasheet HTML 5Page - OSRAM GmbH CWCBLPM1.S1 Datasheet HTML 6Page - OSRAM GmbH CWCBLPM1.S1 Datasheet HTML 7Page - OSRAM GmbH CWCBLPM1.S1 Datasheet HTML 8Page - OSRAM GmbH CWCBLPM1.S1 Datasheet HTML 9Page - OSRAM GmbH CWCBLPM1.S1 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
2016-01-25
6
Version 1.5
CW CBLPM1.S1
Chromaticity Coordinate Groups 4) page 23
Farbortgruppen 4) Seite 23
Chromaticity Coordinate Groups 4) page 23
Farbortgruppen 4) Seite 23
H
K
L
4500 K
5000 K
5500 K
6000 K
6500 K
0,300
0,320
0,340
0,360
0,380
0,305
0,325
0,345
0,365
Cy
Cx
Coordinates in reference to CIE 1931 (cx cy)
CW CBLPM1.S1
0,000
0,100
0,200
0,300
0,400
0,500
0,600
0,700
0,800
0,900
0,000
0,100
0,200
0,300
0,400
0,500
0,600
0,700
Cy
Cx
Coordinates in reference to CIE 1931 (cx cy)
CW CBLPM1.S1
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
Cy
Cx
C
D
E
4500 K
5000 K
5500 K
6000 K
6500 K
7000 K
0.29
0.31
0.33
0.35
0.37
0.39
Cy
Cx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com