Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTPSLR31.13 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # GTPSLR31.13
Description  Architectural lighting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GTPSLR31.13 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button GTPSLR31.13 Datasheet HTML 5Page - OSRAM GmbH GTPSLR31.13 Datasheet HTML 6Page - OSRAM GmbH GTPSLR31.13 Datasheet HTML 7Page - OSRAM GmbH GTPSLR31.13 Datasheet HTML 8Page - OSRAM GmbH GTPSLR31.13 Datasheet HTML 9Page - OSRAM GmbH GTPSLR31.13 Datasheet HTML 10Page - OSRAM GmbH GTPSLR31.13 Datasheet HTML 11Page - OSRAM GmbH GTPSLR31.13 Datasheet HTML 12Page - OSRAM GmbH GTPSLR31.13 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 1.1
GT PSLR31.13
2017-06-16
9
Forward Current 5) page 21 , 7) page 21
Durchlassstrom 5) Seite 21 , 7) Seite 21
IF = f (VF); TJ = 25 °C
Relative Luminous Flux 5) page 21 , 7) page 21
Relativer Lichtstrom 5) Seite 21 , 7) Seite 21
ΦV/ΦV(150 mA) = f(IF); TJ = 25 °C
Chromaticity Coordinate Shift 5) page 21
Farbortverschiebung 5) Seite 21
ΔCx, ΔCy = f(IF); TJ = 25 °C
GT PSLR31.13
5,3
6,5
5,4
5,6
5,8
6,0
6,2
6,4
VF
[V]
10
20
40
60
80
100
120
140
160
180
200
IF
[mA]
GT PSLR31.13
10
40 60 80 100
14
0
18
0
20
0
IF
[mA]
0,2
0,4
0,6
0,8
1,0
1,2
ΦV
ΦV
(150mA)
GT PSLR31.13
10
40 60 80 100
14
0
18
0
20
0
IF
[mA]
-0,02
-0,01
0,00
0,01
0,02
∆
Cx
∆
Cy
: ∆ Cx -
: ∆ Cy -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com