Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTPSLR31.13 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GTPSLR31.13
Description  Architectural lighting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GTPSLR31.13 Datasheet(HTML) 1 Page - OSRAM GmbH

  GTPSLR31.13 Datasheet HTML 1Page - OSRAM GmbH GTPSLR31.13 Datasheet HTML 2Page - OSRAM GmbH GTPSLR31.13 Datasheet HTML 3Page - OSRAM GmbH GTPSLR31.13 Datasheet HTML 4Page - OSRAM GmbH GTPSLR31.13 Datasheet HTML 5Page - OSRAM GmbH GTPSLR31.13 Datasheet HTML 6Page - OSRAM GmbH GTPSLR31.13 Datasheet HTML 7Page - OSRAM GmbH GTPSLR31.13 Datasheet HTML 8Page - OSRAM GmbH GTPSLR31.13 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2017-06-16
1
2017-06-16
DURIS
® S 5
Datasheet
Version 1.1
GT PSLR31.13
Features:
Besondere Merkmale:
Package: white SMT package, colored diffused
silicone resin
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
Color: 540 nm ( true green )
Farbe: 540 nm ( true green )
Luminous Flux: typ. 170 lm
Lichtstrom: typ. 170 lm
Luminous efficacy: typ. 181 lm/W
Lichtausbeute: typ. 181 lm/W
Applications
Anwendungen
Architectural lighting
Architekturbeleuchtung
Accent and effect lighting
Akzent- und Effektbeleuchtung
Indoor General Lighting
Innen-Allgemeinbeleuchtung
Linear lights
Linearbeleuchtung
Professional downlights
Professionelle Downlights
Room lighting: ceiling light, cove lighting,
chandeliers, pendants, sconces
Raumbeleuchtung: Deckenbeleuchtung,
Nischenbeleuchtung, Kronleuchter,
Hängeleuchten, Wandleuchter


Similar Part No. - GTPSLR31.13

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GTPSLM31.13 OSRAM-GTPSLM31.13 Datasheet
1Mb / 21P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.5 2020-11-18
GTPSLM31.13-HRHT-26-KM OSRAM-GTPSLM31.13-HRHT-26-KM Datasheet
1Mb / 21P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.5 2020-11-18
More results

Similar Description - GTPSLR31.13

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWG5GP-FYGY-5R8T OSRAM-LCWG5GP-FYGY-5R8T Datasheet
437Kb / 20P
Architectural lighting
GAPSLR31.13 OSRAM-GAPSLR31.13 Datasheet
812Kb / 22P
Architectural lighting
GRPSLR31.13 OSRAM-GRPSLR31.13 Datasheet
878Kb / 22P
Architectural lighting
GBDASPA1.13 OSRAM-GBDASPA1.13 Datasheet
1Mb / 22P
Architectural lighting
GDDASPA1.14 OSRAM-GDDASPA1.14 Datasheet
671Kb / 22P
Architectural lighting
GRDASPA1.23 OSRAM-GRDASPA1.23 Datasheet
904Kb / 22P
Architectural lighting
GTDASPA1.13 OSRAM-GTDASPA1.13 Datasheet
672Kb / 22P
Architectural lighting
LERTDUWS2WN OSRAM-LERTDUWS2WN Datasheet
1Mb / 25P
Architectural lighting
GWDASPA1.EC OSRAM-GWDASPA1.EC Datasheet
1Mb / 26P
Architectural lighting
GRDASPA2.23 OSRAM-GRDASPA2.23 Datasheet
1Mb / 21P
Architectural lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com