Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGT67F Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LGT67F
Description  Hinterleuchtung
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGT67F Datasheet(HTML) 4 Page - OSRAM GmbH

  LGT67F Datasheet HTML 1Page - OSRAM GmbH LGT67F Datasheet HTML 2Page - OSRAM GmbH LGT67F Datasheet HTML 3Page - OSRAM GmbH LGT67F Datasheet HTML 4Page - OSRAM GmbH LGT67F Datasheet HTML 5Page - OSRAM GmbH LGT67F Datasheet HTML 6Page - OSRAM GmbH LGT67F Datasheet HTML 7Page - OSRAM GmbH LGT67F Datasheet HTML 8Page - OSRAM GmbH LGT67F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2012-03-12
4
Version 1.0
LG T67F
Characteristics (T
S = 25 °C, IF = 20 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
572
nm
Dominant Wavelength
3) page 19
Dominantwellenlänge
3) Seite 19
(min.)
(typ.)
(max.)
λ
dom
λ
dom
λ
dom
565
570
575
nm
nm
nm
Spectral bandwidth at 50% I
rel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
Δλ
18
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2
ϕ
120
°
Forward voltage
4) page 19
Durchlassspannung
4) Seite 19
(min.)
(typ.)
(max.)
V
F
V
F
V
F
1.90
2.10
2.50
V
V
V
Reverse current
Sperrstrom
(V
R = 12 V)
(typ.)
(max.)
I
R
I
R
0.2
10
μA
µA
Temperature coefficient of
λ
peak
Temperaturkoeffizient von
λ
peak
(-10°C
≤ T ≤ 100°C)
(typ.)
TCλpeak
0.13
nm/K
Temperature coefficient of
λ
dom
Temperaturkoeffizient von
λ
dom
(-10°C
≤ T ≤ 100°C)
(typ.)
TCλdom
0.11
nm/K
Real thermal resistance junction /
ambient
5) page 19 , 6) page 19
Realer Wärmewiderstand
Sperrschicht / Umgebung
5) Seite 19
, 6) Seite 19
(typ.)
(max.)
R
th JA real
R
th JA real
420
460
K/W
K/W
Real thermal resistance junction /
solder point
6) page 19
Realer Wärmewiderstand
Sperrschicht / Lötpad
6) Seite 19
(typ.)
(max.)
R
th JS real
R
th JS real
200
230
K/W
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com