Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHT6MF Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LHT6MF
Description  Scanners
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LHT6MF Datasheet(HTML) 1 Page - OSRAM GmbH

  LHT6MF Datasheet HTML 1Page - OSRAM GmbH LHT6MF Datasheet HTML 2Page - OSRAM GmbH LHT6MF Datasheet HTML 3Page - OSRAM GmbH LHT6MF Datasheet HTML 4Page - OSRAM GmbH LHT6MF Datasheet HTML 5Page - OSRAM GmbH LHT6MF Datasheet HTML 6Page - OSRAM GmbH LHT6MF Datasheet HTML 7Page - OSRAM GmbH LHT6MF Datasheet HTML 8Page - OSRAM GmbH LHT6MF Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2015-06-18
1
2015-06-18
TOPLED Black
Datasheet
Version 1.0
LH T6MF
TOPLED Black is especially designed for sensor
systems. The black package offers premium contrast.
TOPLED Black ist speziell für den Einsatz für die
Sensorik entwickelt worden. Das schwarze Gehäuse
bietet exzellenten Kontrast.
Features:
Besondere Merkmale:
•
Package: black PLCC-2 package, colorless resin
•
Gehäusetyp: schwarzes PLCC-2 Gehäuse,
farbloser Verguss
•
Technology: InGaAlP Thinfilm
•
Technologie: InGaAlP Thinfilm
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: hyper red (645 nm)
•
Farbe: hyperrot (645 nm)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Scanners
•
Scanner


Similar Part No. - LHT6MF

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LHT674 SIEMENS-LHT674 Datasheet
402Kb / 7P
TOPLED Super-Bright, Hyper-Red GaAIAs-LED
logo
OSRAM GmbH
LHT674 OSRAM-LHT674 Datasheet
516Kb / 21P
Optical Indicator
logo
Siemens Semiconductor G...
LHT674-KM SIEMENS-LHT674-KM Datasheet
402Kb / 7P
TOPLED Super-Bright, Hyper-Red GaAIAs-LED
LHT674-L SIEMENS-LHT674-L Datasheet
402Kb / 7P
TOPLED Super-Bright, Hyper-Red GaAIAs-LED
LHT674-LN SIEMENS-LHT674-LN Datasheet
402Kb / 7P
TOPLED Super-Bright, Hyper-Red GaAIAs-LED
More results

Similar Description - LHT6MF

ManufacturerPart #DatasheetDescription
logo
SICK AG
LMC122-11000 SICK-LMC122-11000 Datasheet
344Kb / 5P
2D LASER SCANNERS
2016-03-19
LMS100-10000 SICK-LMS100-10000 Datasheet
962Kb / 6P
2D LASER SCANNERS
2016-03-19
LMS101-10000 SICK-LMS101-10000 Datasheet
993Kb / 6P
2D LASER SCANNERS
2016-03-19
TIM310-1030000 SICK-TIM310-1030000 Datasheet
772Kb / 6P
2D LASER SCANNERS
2016-03-19
TIM310-1130000S02 SICK-TIM310-1130000S02 Datasheet
645Kb / 6P
2D LASER SCANNERS
2016-03-19
TIM320-1131000 SICK-TIM320-1131000 Datasheet
593Kb / 6P
2D LASER SCANNERS
2016-03-19
LMS400-2000 SICK-LMS400-2000 Datasheet
1Mb / 7P
2D LASER SCANNERS
2016-03-24
LMS500-21000 SICK-LMS500-21000 Datasheet
575Kb / 5P
2D LASER SCANNERS
2016-03-19
CLV615-F3000 SICK-CLV615-F3000 Datasheet
571Kb / 6P
CODE SCANNERS
2017-03-21
logo
OSRAM GmbH
LDW5SM OSRAM-LDW5SM Datasheet
674Kb / 21P
Scanners
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com