Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHT6MF Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LHT6MF
Description  Scanners
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LHT6MF Datasheet(HTML) 5 Page - OSRAM GmbH

  LHT6MF Datasheet HTML 1Page - OSRAM GmbH LHT6MF Datasheet HTML 2Page - OSRAM GmbH LHT6MF Datasheet HTML 3Page - OSRAM GmbH LHT6MF Datasheet HTML 4Page - OSRAM GmbH LHT6MF Datasheet HTML 5Page - OSRAM GmbH LHT6MF Datasheet HTML 6Page - OSRAM GmbH LHT6MF Datasheet HTML 7Page - OSRAM GmbH LHT6MF Datasheet HTML 8Page - OSRAM GmbH LHT6MF Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 1.0
LH T6MF
2015-06-18
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups
4) page 21
Durchlassspannungsgruppen 4) Seite 21
Centroid Wavelength Groups 3) page 21
Centroid Wellenlängengruppen
3) Seite 21
Group
Radiant Intensity 1) page 21
Radiant Intensity 1) page 21
Gruppe
Strahlstärke 1) Seite 21
Strahlstärke 1) Seite 21
(min.) I
E [mW/sr]
(max.) I
E [mW/sr]
GG
1.8
2.1
GH
2.1
2.4
GI
2.4
2.8
HG
2.8
3.3
HH
3.3
3.9
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
E3
1.80
1.95
H3
1.95
2.10
L3
2.10
2.25
Group
hyper red
Gruppe
(min.) λcentr
[nm]
(max.) λcentr
[nm]
1
646
666
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com