Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOE63B Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LOE63B
Description  Signal and Symbol Luminary
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOE63B Datasheet(HTML) 1 Page - OSRAM GmbH

  LOE63B Datasheet HTML 1Page - OSRAM GmbH LOE63B Datasheet HTML 2Page - OSRAM GmbH LOE63B Datasheet HTML 3Page - OSRAM GmbH LOE63B Datasheet HTML 4Page - OSRAM GmbH LOE63B Datasheet HTML 5Page - OSRAM GmbH LOE63B Datasheet HTML 6Page - OSRAM GmbH LOE63B Datasheet HTML 7Page - OSRAM GmbH LOE63B Datasheet HTML 8Page - OSRAM GmbH LOE63B Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2016-06-02
1
2016-06-02
Power TOPLED Lens
Datasheet
Version 1.1
LO E63B
Features:
Besondere Merkmale:
•
Package: white PLCC-4 package, colorless clear
resin
•
Gehäusetyp: weisses PLCC-4 Gehäuse,
farbloser klarer Verguss
•
Technology: InGaAlP
•
Technologie: InGaAlP
•
Viewing angle at 50 % IV: 30°
•
Abstrahlwinkel bei 50 % IV: 30°
•
Color: orange (606 nm)
•
Farbe: orange (606 nm)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Traffic lights
•
Ampelanlagen
•
Backlighting
•
Hinterleuchtung
•
Automotive Lighting Interior and Exterior
•
Automobilbeleuchtung innen und außen
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten


Similar Part No. - LOE63B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOE67B OSRAM-LOE67B Datasheet
175Kb / 14P
Power TOPLED Enhanced optical Power LED (HOP2000)
LOE67B OSRAM-LOE67B Datasheet
438Kb / 19P
Traffic lights
logo
ams AG
LOE67B AMSCO-LOE67B Datasheet
1Mb / 23P
PowerTOPLED, a powerful member of the TOPLED family.
Version 1.2 2022-09-01
logo
OSRAM GmbH
LOE67B-U2AA-24-1 OSRAM-LOE67B-U2AA-24-1 Datasheet
175Kb / 14P
Power TOPLED Enhanced optical Power LED (HOP2000)
logo
ams AG
LOE67B-U2AA-24-1 AMSCO-LOE67B-U2AA-24-1 Datasheet
1Mb / 23P
PowerTOPLED, a powerful member of the TOPLED family.
Version 1.2 2022-09-01
More results

Similar Description - LOE63B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRVH9F-P2R1-1 OSRAM-LRVH9F-P2R1-1 Datasheet
684Kb / 21P
Signal and Symbol Luminary
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
494Kb / 21P
Signal and Symbol Luminary
LTQH9G-Q2OO-25-2Z4Y OSRAM-LTQH9G-Q2OO-25-2Z4Y Datasheet
730Kb / 21P
Signal and Symbol Luminary
LTVH9G-Q2OO-25-1 OSRAM-LTVH9G-Q2OO-25-1 Datasheet
694Kb / 21P
Signal and Symbol Luminary
LUWCRBP-LXLZ-G4J4-1 OSRAM-LUWCRBP-LXLZ-G4J4-1 Datasheet
990Kb / 22P
Signal and Symbol Luminary
LYCKBP-JYKX-46-1 OSRAM-LYCKBP-JYKX-46-1 Datasheet
932Kb / 21P
Signal and Symbol Luminary
LRT64F OSRAM-LRT64F Datasheet
2Mb / 24P
Signal and Symbol Luminary
LRT67D OSRAM-LRT67D Datasheet
756Kb / 20P
Signal and Symbol Luminary
LRY8SF OSRAM-LRY8SF Datasheet
494Kb / 21P
Signal and Symbol Luminary
LVT6SG OSRAM-LVT6SG Datasheet
695Kb / 24P
Signal and Symbol Luminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com