Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2DF Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # F2DF
Description  Fast Recovery Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

F2DF Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  F2DF Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd F2DF Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
 
www.21yangjie.com
S-S033
Rev. 1.4,28-Apr-14
 
F2AF THRU F2MF
快恢复整流二极管 Fast Recovery Rectifier Diode
■特征 Features
■外形尺寸
Outline Dimensions and Mark
●
Io
2.0A
●
VRRM
50V~1000V
●
玻璃钝化芯片
Glass passivated chip
●
耐正向浪涌电流能力高
High surge forward current capability
■
用途 Applications
●
作一般电源单相整流
For general power supply
single-phase rectifier
■
极限值(绝对最大额定值)
Limiting Values(Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
F2
AF
BF
DF
GF
JF
KF MF
反向重复峰值电压
Repetitive Peak Reverse
Voltage
VRRM
V
50
100 200 400 600 800 1000
平均整流输出电流
Average Rectified Output
Current
IO
A
60Hz单向半波,电阻负载,Ta=75℃
60Hz One-way half-wave, R-load,Ta=75℃
2.0
正向(不重复)浪涌电流
Surge(Non-repetitive)
Forward Current
IFSM
A
60HZ正弦波,一个周期,Tj=25℃
60HZ sine wave, 1 cycle, Tj=25℃
50
存储温度
Storage Temperature
Tstg
℃
-55 ~+150
结温
Junction Temperature
Tj
℃
-55 ~+150
■
电特性 (Ta=25℃ 除非另有规定)
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
F2
AF
BF
DF
GF
JF
KF MF
正向峰值电压
Peak Forward Voltage
VFM
V
IFM=2.0A
1.3
最大反向恢复时间
Maximum reverse recovery
time
t
rr
ns
IF=0.5A,IR=1.0A,IRR=0.25A
150
250
500
反向峰值电流
Peak Reverse Current
IRRM
μA
VRM=VRRM , Ta=25℃
5
热阻
Thermal Resistance
RθJ-L
℃/W
结和引线之间
Between junction and lead
20
COMPLIANT
RoHS
.142(3.60)
.134(3.40)
.110(2.80)
.094(2.40)
.057(1.45)
.053(1.35)
.189(4.80)
.173(4.40)
.009(0.22)
.006(0.15)
.049(1.25)
.041(1.05)
Dimensions in inches and (millimeters)
SMAF
0.075
(1.9)
0.063
(1.6)
0.232
(5.9)
0.106
(2.7)
.039(1.00)
.020(0.50)


Similar Part No. - F2DF

ManufacturerPart #DatasheetDescription
logo
RFE international
F2DF RFE-F2DF Datasheet
2Mb / 3P
Surface Mount Fast Recovery Rectifier F2AF Through F2MF
07-2-2020
More results

Similar Description - F2DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT08P-1000 STMICROELECTRONICS-BYT08P-1000 Datasheet
46Kb / 4P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
BYT12P-1000 STMICROELECTRONICS-BYT12P-1000 Datasheet
99Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
BYT3400B STMICROELECTRONICS-BYT3400B Datasheet
43Kb / 3P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
EIC discrete Semiconduc...
EU1C EIC-EU1C Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIER DIODE
logo
Semikron International
SKN3F20 SEMIKRON-SKN3F20 Datasheet
451Kb / 3P
Fast Recovery Rectifier Diode
SKR48F SEMIKRON-SKR48F Datasheet
267Kb / 3P
Fast Recovery Rectifier Diode
SKN136F SEMIKRON-SKN136F Datasheet
358Kb / 3P
Fast Recovery Rectifier Diode
logo
STMicroelectronics
BYT30PI-1000RG STMICROELECTRONICS-BYT30PI-1000RG Datasheet
112Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
Taiwan Semiconductor Co...
ES0406D1 TSC-ES0406D1 Datasheet
88Kb / 3P
Fast Recovery Rectifier Diode
logo
EIC discrete Semiconduc...
EP01C EIC-EP01C Datasheet
133Kb / 2P
FAST RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com