Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C01-WMB3TP Datasheet(PDF) 25 Page - STMicroelectronics

Part # M24C01-WMB3TP
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01-WMB3TP Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M24C01-WMB3TP Datasheet HTML 21Page - STMicroelectronics M24C01-WMB3TP Datasheet HTML 22Page - STMicroelectronics M24C01-WMB3TP Datasheet HTML 23Page - STMicroelectronics M24C01-WMB3TP Datasheet HTML 24Page - STMicroelectronics M24C01-WMB3TP Datasheet HTML 25Page - STMicroelectronics M24C01-WMB3TP Datasheet HTML 26Page - STMicroelectronics M24C01-WMB3TP Datasheet HTML 27Page - STMicroelectronics M24C01-WMB3TP Datasheet HTML 28Page - STMicroelectronics M24C01-WMB3TP Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
25/29
M24C16, M24C08, M24C04, M24C02, M24C01
Figure 16. TSSOP8 3x3mm² – 8 lead Thin Shrink Small Outline, 3x3mm² body size, Package Outline
Note: Drawing is not to scale.
Table 22. TSSOP8 3x3mm² – 8 lead Thin Shrink Small Outline, 3x3mm² body size, Mechanical Data
Symbol
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
1.100
0.0433
A1
0.050
0.150
0.0020
0.0059
A2
0.850
0.750
0.950
0.0335
0.0295
0.0374
b
0.250
0.400
0.0098
0.0157
c
0.130
0.230
0.0051
0.0091
D
3.000
2.900
3.100
0.1181
0.1142
0.1220
E
4.900
4.650
5.150
0.1929
0.1831
0.2028
E1
3.000
2.900
3.100
0.1181
0.1142
0.1220
e
0.650
–
–
0.0256
–
–
CP
0.100
0.0039
L
0.550
0.400
0.700
0.0217
0.0157
0.0276
L1
0.950
0.0374
α
0°
6°
0°
6°
TSSOP8BM
1
8
CP
c
L
E
E1
D
A2
A
α
e
b
4
5
A1
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com