Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C01-WMB3TP Datasheet(PDF) 26 Page - STMicroelectronics

Part # M24C01-WMB3TP
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01-WMB3TP Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M24C01-WMB3TP Datasheet HTML 21Page - STMicroelectronics M24C01-WMB3TP Datasheet HTML 22Page - STMicroelectronics M24C01-WMB3TP Datasheet HTML 23Page - STMicroelectronics M24C01-WMB3TP Datasheet HTML 24Page - STMicroelectronics M24C01-WMB3TP Datasheet HTML 25Page - STMicroelectronics M24C01-WMB3TP Datasheet HTML 26Page - STMicroelectronics M24C01-WMB3TP Datasheet HTML 27Page - STMicroelectronics M24C01-WMB3TP Datasheet HTML 28Page - STMicroelectronics M24C01-WMB3TP Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
26/29
PART NUMBERING
Table 23. Ordering Information Scheme
Note: 1. ST strongly recommends the use of the Automotive Grade devices for use in an automotive environment. The High Reliability Cer-
tified Flow (HRCF) is described in the quality note QNEE9801. Please ask your nearest ST sales office for a copy.
2. 2.5 to 5.5V devices bearing the process letter “W” or “G” in the package marking (on the top side of the package, on the right side,
see Table 24.), guarantee a maximum write time of 5ms, instead of the standard 10ms. For more information about these devices,
and their device identification, please ask your ST Sales Office for Process Change Notices PCN MPG/EE/0061 and 0062
(PCEE0061 and PCEE0062).
3. Used only for Device Grade 3
4. This range is Not for New Design, and will soon be replaced by the M24Cxx-W range.
Example:
M24C08
–
W DW
6
T
P
/W
Device Type
M24 = I2C serial access EEPROM
Device Function
16 = 16 Kbit (2048 x 8)
08 = 8 Kbit (1024 x 8)
04 = 4 Kbit (512 x 8)
02 = 2 Kbit (256 x 8)
01 = 1 Kbit (128 x 8)
Operating Voltage
blank 4 = VCC = 4.5 to 5.5V (400kHz)
W 2 = VCC = 2.5 to 5.5V (400kHz)
R = VCC = 1.8 to 5.5V (400kHz)
Package
BN = PDIP8
MN = SO8 (150 mil width)
MB = UDFDFPN8 (MLP8)
DW = TSSOP8 (169 mil width)
DS = TSSOP8 (3x3mm² body size, MSOP8)
Device Grade
6 = Industrial: device tested with standard test flow over –40 to 85 °C
3 = Automotive: device tested with High Reliability Certified Flow1 over –40 to 125 °C
Option
T = Tape & Reel Packing
Plating Technology
blank = Standard SnPb plating
P = Lead-Free and RoHS compliant
G = Lead-Free, RoHS compliant, Sb2O3-free and TBBA-free
Process3
blank = F6SP20%
/W = F6SP36%
/G = F6SP36%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com