Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GR3JB Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # GR3JB
Description  Fast Recovery Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GR3JB Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  GR3JB Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GR3JB Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S045
Rev. 1.2, 28-Apr-14
www.21yangjie.com
GR3AB THRU GR3MB
■特性曲线(典型) Characteristics(Typical)
VR
D
RL
IF
0
IF
IR
IRR
t
trr
I
5: 反向恢复时间试验电路及测试波形示意图
FIG.5: Diagram of circuit and Testing wave form of reverse recovery time
0
1:正向电流降额曲线
FIG.1: FORWARD CURRENT DERATING CURVE
Resistive or Inductive Load
P.C.B. Mounted on 0.3"×0.3"
(8.0mm×8.0mm)Copper Pad Areas
TL(℃)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
25
50
75
100
125
150
周波数
Number of Cycles
2:最大正向浪涌冲击耐受力
FIG.2: MAXIMUM NON-REPETITIVE FORWARD URGE CURRENT
TL=75
8.3毫秒正弦半波
8.3ms Single Half Sine Wave
110
100
0
25
50
75
100
125
150
2.0
3: 典型正向特性曲线
FIG.3: TYPICAL FORWARD CHARACTERISTICS
0.1
VF(V)
0.4
100
0.60.8
1.01.2
1.41.6
1.8
TJ=25℃
Pulse width=300us
1% Duty Cycle
1.0
10
图4:典型反向特性曲线
FIG.4:TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
Tj=25℃
Tj=125℃
0.01
0
20
40
60
80
100
100
0.1
1.0
10
Tj=75℃



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com