Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GR3JB Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # GR3JB
Description  Fast Recovery Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GR3JB Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  GR3JB Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GR3JB Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S045
Rev. 1.2, 28-Apr-14
www.21yangjie.com
GR3AB THRU GR3MB
快恢复整流二极管 Fast Recovery Rectifier Diode
■特征
Features
■外形尺寸和印记
Outline Dimensions and Mark
● Io
3.0 A
● VRRM
50V-1000V
● 耐正向浪涌电流能力高
High surge current capability
● 封装:模压塑料
Cases: Molded plastic
■用途
Applications
●整流用 Rectifier
■极限值(绝对最大额定值)
Limiting Values (Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Conditions
GR3
AB
BB
DB
GB
JB
KB
MB
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
V
50
100
200
400 600 800
1000
正向平均电流
Average Forward Current
IF(AV)
A
正弦半波
60Hz ,电阻负载 ,
TL=100℃
60HZ Half-sine wave, Resistance
load, TL=100℃
3.0
正向(不重复)浪涌电流
Surge(Non-repetitive)Forward
Current
IFSM
A
正弦半波
60Hz,一个周期,Ta=25℃
60Hz Half-sine wave ,1 cycle ,
Ta =25℃
100
结温
Junction Temperature
TJ
-55~+150
储存温度
Storage Temperature
TSTG
-55 ~ +150
■电特性
(Ta=25℃ 除非另有规定)
Electrical Characteristics (Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
GR3
AB
BB
DB
GB
JB
KB
MB
正向峰值电压
Peak Forward Voltage
V
F
V
I
F=3.0A
1.3
最大反向恢复时间
Maximum reverse recovery
time
trr
ns
IF=0.5A,IR=1.0A,Irr=0.25A
150
250
500
反向漏电流
Peak Reverse Current
I
RRM1
μA
VRM=VRRM
Ta =25℃
5.0
I
RRM2
Ta =125℃
200
热阻(典型)
Thermal
Resistance(Typical)
RθJ-A
/W
结和环境之间
Between junction and ambient
55
1)
RθJ-L
结和终端之间
Between junction and terminal
18
1)
备注:Notes:
1) 热阻从结到环境及从结到引线,在电路板的0.27" x 0.27" (7.0毫米 x 7.0毫米)铜垫片区
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.27" x 0.27" (7.0 mm x 7.0 mm)
copper pad areas
D im ensions in inches and (m illim eters)
DO-214AA(SMB)
.187(4.75)
.167(4.25)
.155(3.94)
.130(3.30)
.085(2.15)
.073(1.85)
.103(2.61)
.078(1.99)
.056(1.41)
.035(0.90)
.008(0.20)
.004(0.10)
.012(0.31)
.006(0.15)
0.081(2.072)
0.228
(5.80)
M ounting Pad Layout
0.069
(1.76)
0.107
(2.72)
.220(5.59)
.205(5.21)
COMPLIANT
RoHS


Similar Part No. - GR3JB

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GR3JB GOOD-ARK-GR3JB Datasheet
157Kb / 2P
Fast Recovery Surface Mount Rectifiers
logo
RFE international
GR3JB RFE-GR3JB Datasheet
2Mb / 3P
Surface Mount Fast Recovery Rectifier GR3AB Through GR3MB
07-22-2020
More results

Similar Description - GR3JB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT08P-1000 STMICROELECTRONICS-BYT08P-1000 Datasheet
46Kb / 4P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
BYT12P-1000 STMICROELECTRONICS-BYT12P-1000 Datasheet
99Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
BYT3400B STMICROELECTRONICS-BYT3400B Datasheet
43Kb / 3P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
EIC discrete Semiconduc...
EU1C EIC-EU1C Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIER DIODE
logo
Semikron International
SKN3F20 SEMIKRON-SKN3F20 Datasheet
451Kb / 3P
Fast Recovery Rectifier Diode
SKR48F SEMIKRON-SKR48F Datasheet
267Kb / 3P
Fast Recovery Rectifier Diode
SKN136F SEMIKRON-SKN136F Datasheet
358Kb / 3P
Fast Recovery Rectifier Diode
logo
STMicroelectronics
BYT30PI-1000RG STMICROELECTRONICS-BYT30PI-1000RG Datasheet
112Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
Taiwan Semiconductor Co...
ES0406D1 TSC-ES0406D1 Datasheet
88Kb / 3P
Fast Recovery Rectifier Diode
logo
EIC discrete Semiconduc...
EP01C EIC-EP01C Datasheet
133Kb / 2P
FAST RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com